Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB27CA Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # P6SMB27CA
Description  600W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P6SMB27CA Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  P6SMB27CA Datasheet HTML 1Page - TAITRON Components Incorporated P6SMB27CA Datasheet HTML 2Page - TAITRON Components Incorporated P6SMB27CA Datasheet HTML 3Page - TAITRON Components Incorporated P6SMB27CA Datasheet HTML 4Page - TAITRON Components Incorporated P6SMB27CA Datasheet HTML 5Page - TAITRON Components Incorporated P6SMB27CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
600W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
P6SMB6.8A - P6SMB250CA
www.taitroncomponents.com
Page 5 of 6
Dimensions in inches (mm)
SMB


Similar Part No. - P6SMB27CA

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
P6SMB27CA AITSEMI-P6SMB27CA Datasheet
409Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT
REV1.0
logo
Central Semiconductor C...
P6SMB27CA CENTRAL-P6SMB27CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Ruilongyuan Electronics...
P6SMB27CA RUILON-P6SMB27CA Datasheet
827Kb / 7P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
P6SMB27CA LUGUANG-P6SMB27CA Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
P6SMB27CA UNSEMI-P6SMB27CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - P6SMB27CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com