Electronic Components Datasheet Search |
|
EC1SML-30000M Datasheet(PDF) 4 Page - Ecliptek Corporation |
|
EC1SML-30000M Datasheet(HTML) 4 Page - Ecliptek Corporation |
4 / 5 page EC2SM Series • HC-49/UP package • AT or BT cut available • Resistance weld seal • Tight tolerance/stability • Tape and reel available CRYSTAL EC2SM ELECTRICAL SPECIFICATIONS MANUFACTURER CATEGORY SERIES PACKAGE CLASS REV .DATE ECLIPTEK CORP. CRYSTAL EC2SM HC-49/UP CR03 03/06 EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ Frequency Range Frequency Tolerance / Stability Over Operating Temperature Range Operating Temperature Range Aging (at 25°C) Storage Temperature Range Shunt Capacitance Insulation Resistance Drive Level Load Capacitance (C L) Frequency Range 3.579545MHz to 4.999MHz 5.000MHz to 5.999MHz 6.000MHz to 7.999MHz 8.000MHz to 8.999MHz 9.000MHz to 9.999MHz 10.000MHz to 14.999MHz ESR ( Ω) 60 Max 50 Max 40 Max 40 Max 150 Max 100 Max ESR ( Ω) 200 Max 150 Max 120 Max 90 Max 80 Max 70 Max Mode / Cut Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Frequency Range 15.000MHz to 15.999MHz 16.000MHz to 23.999MHz 24.000MHz to 30.000MHz 24.000MHz to 40.000MHz 28.6363MHz to 29.999MHz 30.000MHz to 50.000MHz Mode / Cut Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / BT Third Overtone / AT Third Overtone / AT 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. 3.579545MHz to 50.000MHz ±50ppm / ±100ppm (Standard), ±30ppm / ±50ppm (AT cut only), ±15ppm / ±30ppm (AT cut only), ±15ppm / ±20ppm (AT cut only), or ±10ppm / ±15ppm (AT cut only) 0°C to 70°C (Standard), -20°C to 70°C (AT cut only), or -40°C to 85°C (AT cut only) ±5ppm / year Maximum -40°C to 85°C 7pF Maximum 500 Megaohms Minimum at 100V DC 1 mWatt Maximum 18pF (Standard), Custom C L ≥10pF, or Series Resonant H 4.50 L 13.30 W 4.85 OBSOLETE |
Similar Part No. - EC1SML-30000M |
|
Similar Description - EC1SML-30000M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |