Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1100AA-24.000M-G Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # E1100AA-24.000M-G
Description  SPECIFICATION CONTROL DRAWING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E1100AA-24.000M-G Datasheet(HTML) 2 Page - Ecliptek Corporation

  E1100AA-24.000M-G Datasheet HTML 1Page - Ecliptek Corporation E1100AA-24.000M-G Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency Range:
Frequency Tolerance/Stability:
00
45
25
Operating Temperature Range
Blank
ET
Storage Temperature Range
Supply Voltage (V)
Input Current
Output Voltage Logic High
Output Voltage Logic Low
Rise/Fall Time
Duty Cycle
Load Drive Capability
Aging@ 25°C
EE
6.000MHz to 155.520MHz
(All Values Inclusive of Operating Temp. Range, Supply Voltage, and Load)
±100ppm Max.
±50ppm Max.
±25ppm Max. (0°C to +70°C only), (less than or equal to 125.000MHz only)
0°C to +70°C
-40°C to +85°C
-55°C to +125°C
-5.2Vdc ±5% (AA, AB, and AM); +5.2Vdc ±5% (AC)
140mA Maximum
-1.0Vdc Min./-0.7Vdc Max. (AA, AB, and AM); 4.0Vdc Min./4.5VdcM ax. (AC)
-1.95Vdc Min./-1.60Vdc Max. (AA, AB, and AM); 3.00Vdc Min./3.42Vdc Max. (AC)
2nSec Maximum (Measured at 20% to 80% of waveform)
50% ±10% (Measured at 50% of waveform)
50 Ohms into -2.0Vdc (AA, AB, and AM); 50 Ohms into +3.0Vdc(AC)
±5ppm/year Maximum
STANDARD SPECIFICATIONS
00 AM ET C
M CL175
E11
--
24.000
Operating Temperature Range
Blank= 0°C to +70°C
ET= -40°C to +85°C
Pin1 Connection
Blank= No Connect
C= Complementary Output
Frequency Tolerance/Stability
00= ±100ppm Maximum, 45= ±50ppm Maximum
25= ±25ppm Maximum
Frequency
Configuration Options
CLXXX= Cut Leads (MAL01-101-000)
G= Gull Wing (MAL01-001-000)
Pin Configuration
AA, AB, AC, or AM
Per Pin Configuration Table Above
PART NUMBERING GUIDE
SPECIFICATION CONTROL DRAWING
ECLIPTEK
E11AMC
XXX.XXXM
XXYZZ
(Line #1) ECLIPTEK
(Line #2) E11 AMC
(Line #3) XXX.XXXM
(Line #4) XXY ZZ
Pin1 Connection
Blank= No Connect
C= Complementary Output
Week of Year
Frequency
Pin Configuration Per Pin Configuration Table Above
Last Digit of Year
Ecliptek Manufacturing Code (TEN02-001-000)
ALL DIMENSIONS
IN MILLIMETERS
PIN CONFIGURATIONS
PIN
1
7
8
14
AA
Ground/Case
-5.2V
Output
Ground
AB
No Connect or Complementary Output
-5.2V
Output
Ground/Case
AC
No Connect or Complementary Output
Ground/Case
Output
+5.2Vdc
AM
No Connect or Complementary Output
Ground/Case
Output
-5.2Vdc
15.240
±0.203
20.8 MAX
7.620
±0.203
13.2
MAX
5.08
MIN
5.08
MAX
∅0.457
±0.1 (X4)
0.9 MAX
1
7
8
14
PAGE1 OF2
Drawing Number
CSC01-010-000
Title
FULL SIZE ECL OSCILLATOR
Revision
ECN Number
Approved By
Date
Effectivity Date
Released By
Date
E
8675
MARKING GUIDE
NOTE: Pin1 shall be marked witha black dot. Marking shall
conform to conditions listed in TQC41-001-000.
08-27-03
Fine Leak Test:
Gross Leak Test:
Mechanical Shock:
Vibration:
Lead Integrity:
Solderability:
Temperature Cycling:
Resistance to Soldering Heat:
Resistance to Solvents:
MIL-STD-883, Method 1014, ConditionA
MIL-STD-883, Method 1014, ConditionC
MIL-STD-202, Method 213, ConditionC
MIL-STD-883, Method 2007, ConditionA
MIL-STD-883, Method 2004
MIL-STD-883, Method 2002
MIL-STD-883, Method 1010
MIL-STD-202, Method 210
MIL-STD-202, Method 215
ENVIRONMENTAL& MECHANICAL
OBSOLETE


Similar Part No. - E1100AA-24.000M-G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E1106 ATMEL-E1106 Datasheet
480Kb / 14P
   E1106 User Manual
logo
NEC
E110D-1 NEC-E110D-1 Datasheet
909Kb / 2P
   The right-sized edge-of-service server
More results

Similar Description - E1100AA-24.000M-G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
007967-000 MACOM-007967-000 Datasheet
46Kb / 2P
   Specification Control Drawing
222K152-25 MACOM-222K152-25 Datasheet
54Kb / 2P
   Specification Control Drawing
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K142-25-0 MACOM-202K142-25-0 Datasheet
58Kb / 2P
   Specification Control Drawing
202K132-25 MACOM-202K132-25 Datasheet
58Kb / 2P
   Specification Control Drawing
logo
List of Unclassifed Man...
SLT-3X ETC-SLT-3X Datasheet
36Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K163-25 ETC2-202K163-25 Datasheet
58Kb / 2P
   specification control drawing
logo
Tyco Electronics
202K142-25 MACOM-202K142-25 Datasheet
58Kb / 2P
   Specification Control Drawing
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
   Specification Control Drawing
CS250 MACOM-CS250 Datasheet
100Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-05-R-100 MACOM-S03-05-R-100 Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com