Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C516400A50 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V53C516400A50
Description  4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C516400A50 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V53C516400A50 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C516400A50 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MOSEL VITELIC
1
V53C516400A
4M x 4 FAST PAGE MODE
CMOS DYNAMIC RAM
PRELIMINARY
V53C516400A Rev. 1.1 March 1998
V53C516400A
50
60
Max. RAS Access Time, (tRAC)
50 ns
60 ns
Max. Column Address Access Time, (tCAA)
25 ns
30 ns
Min. Page Mode Cycle Time, (tPC)
35 ns
40 ns
Min. Read/Write Cycle Time, (tRC)
84 ns
104 ns
Features
s 4M x 4-bit organization
s Fast Page Mode for a sustained data rate
of 50 MHz
s RAS access time: 50, 60 ns
s Low power dissipation
s Read-Modify-Write, RAS-Only Refresh,
CAS-Before-RAS Refresh and Hidden Refresh
s Refresh Interval: 4096 cycles/64 ms
s Available in 24/26-pin 300 mil SOJ,
and 24/26-pin 300 mil TSOP-II
s Single +5V
±10% Power Supply
s TTL Interface
Description
The V53C516400A is a 4,194,304 x 4 bit high-
performance CMOS dynamic random access mem-
ory. The V53C516400A offers Page mode opera-
tion. The V53C516400A has asymmetric address,
12-bit row and 10-bit column.
All inputs are TTL compatible. Fast Page Mode
operation allows random access up to 1024 x 4 bits,
within a page, with cycle times as short as 35ns.
These features make the V53C516400A ideally
suited for a wide variety of high performance com-
puter systems and peripheral applications.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
K
T
50
60
Std.
0
°C to 70°C
Blank


Similar Part No. - V53C516400A50

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A50 MOSEL-V53C516405A50 Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A60 MOSEL-V53C516405A60 Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C516400A50

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM41C4000D SAMSUNG-KM41C4000D Datasheet
340Kb / 20P
   4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com