Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCF25T Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # RCF25T
Description  Carbon Film Resistor Normal & Miniature Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RCF25T Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  RCF25T Datasheet HTML 1Page - TAITRON Components Incorporated RCF25T Datasheet HTML 2Page - TAITRON Components Incorporated RCF25T Datasheet HTML 3Page - TAITRON Components Incorporated RCF25T Datasheet HTML 4Page - TAITRON Components Incorporated RCF25T Datasheet HTML 5Page - TAITRON Components Incorporated RCF25T Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RCF & RCFS Series
Carbon Film Resistor - Normal & Miniature Style
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 3 of 6
Environmental Performance Specification
Packing Information:
Carrier Tape Dimensions (in mm)
Item
Test Methods
Specifications
Short Time Overload
JIS-C-5202 5.5
2.5 Times RCWV for 5 seconds
±(0.75% +0.05Ω)
Dielectric Withstanding
Voltage
JIS-C-5202 5.7
In V-Block for 60 Seconds
by Type
Insulation Resistance
JIS-C-5202 5.6
In V-Block
>1000MΩ
Solderability
JIS-C-5202 6.5
260°C±5°C for 5±0.5 Seconds
Covering 95%
Terminal Strength
Direct Load for 10 Seconds in The Direction of The Terminal Leads
>=2.5kg (24.5N)
Pulse Overload
JIS-C-5202 5.8
4 Times RCWV 1000 Cycle
(1 sec. on, 25 sec. off)
±(1% +0.05Ω)
Load Life in Humidity
JIS-C-5202 7.9
40±2°C , 90-95% RH at RCWV for 1000 hours
(1.5 Hrs. on, 0.5 Hrs. off)
±(3% +0.05Ω)
Load Life
JIS-C-5202 7.10
70°C at RCWV for 1000 Hrs
(1.5 Hrs. on, 0.5 Hrs. off)
±(3% +0.05Ω)
Temperature Cycling
JIS-C-5202 7.4
-55°C
Rom Temp.
+155°C
Rom Temp.
for 5 Cycles
±(1% +0.05Ω)
Resistance to Soldering Heat
JIS-C-5202 6.4
350±10°C for 3±0.5 Seconds
±(1% +0.05Ω)
Type
a
A
B1-B2
S
(Spacing)
T
(Max. Deviation of Spacing)
RCF08T
RCFS25T
6±0.5
52.4±1.5
1.2
5
RCF25T
RCFS50T
6±0.5
52.4±1.5
1.2
5
RCF50T
RCFS1W
6±0.5
52.4±1.5
1.2
5
RCF1W
RCFS2W
6±0.5
73.0±1.5
1.2
5
RCF2W
RCFS3W
6±0.5
73.0±1.5
1.5
10
1mm Per 10 Spacing,
0.5mm per 5 spacing


Similar Part No. - RCF25T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-1575BP2 RALTRON-RCFA1-1575BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-1890BP2 RALTRON-RCFA1-1890BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-841BP2 RALTRON-RCFA1-841BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-866BP2 RALTRON-RCFA1-866BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
More results

Similar Description - RCF25T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RMF TAITRON-RMF Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
logo
List of Unclassifed Man...
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
0207 ETC2-0207 Datasheet
627Kb / 1P
   Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
   Carbon Film Resistor
3/3/2022
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
List of Unclassifed Man...
CFR-25JT-52 ETC2-CFR-25JT-52 Datasheet
131Kb / 2P
   Normal & Miniature Style CFR Series
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com