Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCFS2W Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RCFS2W
Description  Carbon Film Resistor Normal & Miniature Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RCFS2W Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RCFS2W Datasheet HTML 1Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 2Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 3Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 4Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 5Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RCF & RCFS Series
Carbon Film Resistor - Normal & Miniature Style
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 2 of 6
Absolute Maximum Ratings & Characteristics
Note1: For a zero ohm resistor, it is similar to a 1/4W resistor(1/8W size also available,typical
resistance 0.004 Ω.
Power derating curve
For resistors operate in the ambient temperature over 70˚C, loading power ratio will derate in accordance
with following curve.
Description
RCF
08T
RCF
S25T
RCF
25T
RCF
S50T
RCF
50T
RCF
S1W
RCF
1W
RCF
S2W
RCF
2W
RCF
S3W
Unit
Power Rating at 70° C
1/8
1/4
1/4
1/2
1/2
1
1
2
2
3
W
Maximum Working Voltage
150
200
250
300
350
400
500
500
500
500
V
Maximum Overload Voltage
300
400
500
600
700
800
1000
1000
1000
1000
V
Dielectric Withstanding Voltage
300
400
500
500
500
700
1000
1000
1000
1000
V
<100K Ω
+350/-500
±350
100K Ω~1M Ω
+350/-700
+350/-500
Temperature
Coefficient
1M Ω~10M Ω
+350/-1500
+350/-1500
ppm/° C
Resistance
Range(Note1)
(±2%, ±5%)
1~10M
Operating Temperature Range
-55 to +155
° C
Ambient Temperature (°C)


Similar Part No. - RCFS2W

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-1575BP2 RALTRON-RCFA1-1575BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-1890BP2 RALTRON-RCFA1-1890BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-841BP2 RALTRON-RCFA1-841BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
RCFA1-866BP2 RALTRON-RCFA1-866BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
More results

Similar Description - RCFS2W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RMF TAITRON-RMF Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
logo
List of Unclassifed Man...
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
0207 ETC2-0207 Datasheet
627Kb / 1P
   Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
   Carbon Film Resistor
3/3/2022
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
List of Unclassifed Man...
CFR-25JT-52 ETC2-CFR-25JT-52 Datasheet
131Kb / 2P
   Normal & Miniature Style CFR Series
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com