Electronic Components Datasheet Search |
|
EB52F4D30EV-12.800M-CB Datasheet(PDF) 1 Page - Ecliptek Corporation |
|
EB52F4D30EV-12.800M-CB Datasheet(HTML) 1 Page - Ecliptek Corporation |
1 / 2 page MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE EB52F4 Series • Temperature Compensated Crystal Oscillator (TCXO) • HCMOS Output • 3.3V Supply Voltage • Stability to 1.5ppm • External voltage control option available ECLIPTEK CORP. OSCILLATOR EB52F4 14-PIN DIP 3.3V OS2X 06/04 OSCILLATOR EB52F4 H 8.3 L 20.3 W 13.0 NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ ELECTRICAL SPECIFICATIONS 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (V DD) Input Current Frequency Stability Aging (at 25°C) Output Voltage Logic High (V OH) Output Voltage Logic Low (V OL) Rise Time / Fall Time Duty Cycle Load Drive Capability Control Voltage Range Control Voltage (External) Frequency Deviation Linearity Input Impedance Phase Noise (at 19.440MHz) Measured at Steady State at 25°C, at Nominal V DD, at Nominal V C vs. Initial Frequency Tolerance vs. Operating Temperature Range vs. Input Voltage (V DD ±5%) vs. Load (±10%) 20% to 80% of Waveform at 50% of Waveform P ositive Transfer Characteristic Referenced to F O at VC = 1.65VDC, VDD = 3.3VDC Measured at 25°C, at Nominal V DD, at Nominal VC at 10Hz Offset at 100Hz Offset at 1kHz Offset at 10kHz Offset at 100kHz Offset 1.544MHz to 44.736MHz See Table 1 -55°C to 125°C 3.3V DC ±5% 15mA Maximum < 20.000MHz 25mA Maximum > 20.000MHz ±2.5ppm (at Nominal V DD and VC , at 25°C) See Table 1 (at Nominal V DD and VC ) ±0.3ppm Maximum ±0.2ppm Maximum ±1ppm / year Maximum 90% of V DD Minimum 10% of V DD Maximum 6 nSeconds Maximum 50 ±5(%) 15pF HCMOS Load Maximum 0.0V DC to VDD 1.65V DC ±1.35VDC ±7ppm Minimum, ±20ppm Maximum ±10% Maximum 10kOhms Typical -70dBc/Hz Typical -100dBc/Hz Typical -130dBc/Hz Typical -140dBc/Hz Typical -145dBc/Hz Typical |
Similar Part No. - EB52F4D30EV-12.800M-CB |
|
Similar Description - EB52F4D30EV-12.800M-CB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |