Electronic Components Datasheet Search |
|
E32W2E3A2A-155520MTR Datasheet(PDF) 2 Page - Ecliptek Corporation |
|
E32W2E3A2A-155520MTR Datasheet(HTML) 2 Page - Ecliptek Corporation |
2 / 5 page E31W2 Series • PECL Output VCXO • 5.0V supply voltage • 6 pad PCB SMD package • Stability to 20ppm • Output Enable/Disable available • Complementary Output available • Available on Tape and Reel OSCILLATOR E31W2 800-ECLIPTEK www.ecliptek.com for latest revision 196 Specifications subject to change without notice. MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR E31J2 6-PCB 5.0V OS80 01/03 H 5.5 L 14.8 W 9.8 ELECTRICAL SPECIFICATIONS 19.440MHz to 212.500MHz 0°C to 70°C or -40°C to 85°C -55°C to 125°C 5.0V DC ±5% 100mA Maximum 100KH ±50ppm, ±25ppm, or ±20ppm Maximum V CC-1.025VDC Minimum V CC-1.620VDC Maximum 2 nSeconds Maximum 50 ±10(%) 50 ±5(%) 50 Ohms into V CC-2.0VDC No Connect and Single Output Enable/Disable and Single Output No Connect and Complementary Output or Enable/Disable and Complementary Output Enables Output Enables Output Disables Output: Logic Low Disables Complementary Output: Logic High 10 mSeconds Maximum 1 pSec Maximum ±50ppm Minimum 20%, 15%, or 10% Maximum 2.5V DC ±2.0VDC 0.0V DC to VCC 2.5V DC Positive Transfer Characteristic 50kOhms Typical 10kHz Minimum Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (V CC) Input Current Logic Type Frequency Tolerance / Stability Output Voltage Logic High (V OH) Output Voltage Logic Low (V OL) Rise Time / Fall Time Duty Cycle Load Drive Capability Additional Output / Logic Control Enable/Disable Input Voltage Start Up Time RMS Phase Jitter Absolute Pull Range (APR) Linearity Control Voltage (V C): Test Conditions for APR Control Voltage Range (V CR) Center Control Voltage Transfer Function Input Impedance Modulation Bandwidth Inclusive of Operating Temp Range, Supply Voltage, Load, and Aging @25°C over 10 years 20% to 80% of waveform at 50% of waveform V IL of VCC-1.475VDC Maximum No Connection V IH of VCC-1.165VDC Minimum FJ = 12kHz to 20MHz Inclusive of Operating Temp Range, Supply Voltage, Load, and Aging @25°C over 10 years at -3dB with Control Voltage of +2.5V DC OBSOLETE |
Similar Part No. - E32W2E3A2A-155520MTR |
|
Similar Description - E32W2E3A2A-155520MTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |