Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F235 Datasheet(PDF) 2 Page - Fox Electronics

Part # F235
Description  HCMOS 2.5x2mm 3.3V Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F235 Datasheet(HTML) 2 Page - Fox Electronics

  F235 Datasheet HTML 1Page - Fox Electronics F235 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
HCMOS 2.5x2mm 3.3V Oscillator
Rev. 5/20/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F230 SERIES
Page 2 of 2
• TAPE SPECIFICATIOnS (millimeters)
MODEL
F230 Series
A
∅1.5
b
4.0
C
8.0
D
7.5
E
16.0
F
2.5
STD Reel QTY
3,000
• REEL SPECIFICATIOnS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅80
K
∅250
L
13.5
M
2.0
MODEL
F230 Series
44.0
DHF
Date Code:
Year: E=2006, F=2007, etc
Month: A=Jan, B=FEB, etc.
Track Code
Frequency
Denotes
Pad-1
F230, F240 Series Marking Identification*
Models: F230, F230R, F235, F235R, F236
F240, F240R, F245, F245R, F246
*Product family, supply voltage, frequency stability, and operating temperature will
not be identified from marking. External packaging labels and receiving invoice
will correctly identify ordered Fox part number.


Similar Part No. - F235

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F235 FOX-F235 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F235 FOX-F235 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F235R FOX-F235R Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
More results

Similar Description - F235

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
F240 FOX-F240 Datasheet
185Kb / 2P
   HCMOS 2.5x2mm 2.5V Oscillator
F200 FOX-F200 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 1.0 V SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC53 EUROQUARTZ-EQXP-HC53 Datasheet
166Kb / 1P
   HCMOS 5x3.2mm 3.3V OSCILLATOR
logo
Fox Electronics
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com