Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPE-150 Datasheet(PDF) 3 Page - CUI INC

Part # CPE-150
Description  piezo audio transducer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-150 Datasheet(HTML) 3 Page - CUI INC

  CPE-150 Datasheet HTML 1Page - CUI INC CPE-150 Datasheet HTML 2Page - CUI INC CPE-150 Datasheet HTML 3Page - CUI INC CPE-150 Datasheet HTML 4Page - CUI INC CPE-150 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
page
date
DESCRIPTION: piezo audio transducer
3 of 5
11/12/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CPE-150
ENVIRONMENT TEST
item
test condition
high temp. test
After being placed in a chamber at +95°C for
240 hours.
low temp. test
After being placed in a chamber at -40°C for
240 hours.
humidity test
After being placed in a chamber at +40°C and
90±5% relative humidity for 240 hours.
temp. cycle test
The part shall be subjected to 5 cycles. One
cycle will consist of:
evaluation standard
The buzzer will be measured after
being placed at +25°C for 4
hours. The value of the
oscillation frequency/current
consumption should be ±10%
compared to the initial
measurements. The SPL should
be within ±10dB compared to the
initial measurements.
+95
+25
+25
-40
0.5hr 0.5hr 0.25
0.5hr 0.5hr
0.5hr 0.25
3hours
MECHANICAL CHARACTERISTICS
item
test condition
solderability
Stripped wires are immersed in rosin for
5 seconds and then immersed in solder bath
of 230 ±5°C for 3 ±1 seconds.
soldering heat resistance
Stripped wires are immersed up to 1.5mm from
buzzer’s body in solder bath of 300 ±5°C for
3 ±0.5 seconds or 260 ±5°C for 10 ±1 seconds.
lead wire pull strength
The pull force shall be applied to lead wire:
Horizontal
3.0N for 30 seconds
Vertical
2.0N for 30 seconds
vibration
The buzzer shall be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
drop test
The part will be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axes (X, Y, Z) for a total of 9 drops.
evaluation standard
90% min. of the lead terminals
will be wet with solder
(except the edge of the terminal).
No interference in operation.
No damage or cutting off.
The value of oscillation
frequency/current consumption
should be ±10% of the initial
measurements. The SPL should
be within ±10dB compared with
the initial measurement.


Similar Part No. - CPE-150

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-150 CUI-CPE-150 Datasheet
302Kb / 3P
   PIEZO BUZZER TRANSDUCER
05/05/2020
logo
CUI Devices
CPE-150 CUID-CPE-150 Datasheet
279Kb / 3P
   PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPE-150 CUI-CPE-150_V01 Datasheet
302Kb / 3P
   PIEZO BUZZER TRANSDUCER
05/05/2020
More results

Similar Description - CPE-150

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-1785 CUI-CPE-1785 Datasheet
179Kb / 4P
   PIEZO AUDIO TRANSDUCER
CPE-827 CUI-CPE-827 Datasheet
225Kb / 5P
   piezo audio transducer
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
   piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
   piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
   piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
   piezo audio transducer
CEP-1108 CUI-CEP-1108 Datasheet
1Mb / 5P
   piezo audio transducer
CEP-1160 CUI-CEP-1160 Datasheet
247Kb / 4P
   piezo audio transducer
CPE-502 CUI-CPE-502 Datasheet
279Kb / 5P
   piezo audio transducer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com