Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL104 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RL104
Description  1.0A Standard Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RL104 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RL104 Datasheet HTML 1Page - TAITRON Components Incorporated RL104 Datasheet HTML 2Page - TAITRON Components Incorporated RL104 Datasheet HTML 3Page - TAITRON Components Incorporated RL104 Datasheet HTML 4Page - TAITRON Components Incorporated RL104 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.0A Standard Rectifier
RL101 – RL107
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 2 of 5
Ambient Temperature Ta (°C)
Number of Cycles at 60Hz
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Note: 1. 8.3ms single half sine-wave superimposed on rated load (JEDEC method)
2. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C.
3. Thermal resistance from junction to ambient at .375" (9.5mm) lead length.
Typical Characteristics Curves
Symbol
Description
RL101
RL102
RL103
RL104
RL105
RL106
RL107
Unit
VF
Maximum Forward
Voltage @
IF=1.0A
1.1
V
TA=25° C
5.0
µA
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
TA=125° C
50
uA
CJ
Typical Junction
Capacitance (Note2)
15
pf
Rθ-JA
Maximum Thermal
Resistance (Note3)
50
° C/W
Fig.2-Max. Non-Repetitive Forward Surge Current
Fig.1- Forward Current Derating Curve


Similar Part No. - RL104

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL104 GOOD-ARK-RL104 Datasheet
199Kb / 2P
   GENERAL PURPOSE PLASITC RECTIFIER
logo
Shenzhen Luguang Electr...
RL104 LUGUANG-RL104 Datasheet
141Kb / 2P
   Plastic Silicon Rectifiers
logo
Micro Commercial Compon...
RL104 MCC-RL104 Datasheet
78Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
logo
Sangdest Microelectroni...
RL104 SMC-RL104 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
DAESAN ELECTRONIC CORP.
RL104 DAESAN-RL104 Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - RL104

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
   1.0A Standard Recovery Rectifier
logo
Diodes Incorporated
PD3R1600-7 DIODES-PD3R1600-7 Datasheet
68Kb / 4P
   1.0A SURFACE MOUNT STANDARD RECTIFIER
logo
TAITRON Components Inco...
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
logo
Diodes Incorporated
S1MSWFM DIODES-S1MSWFM Datasheet
494Kb / 5P
   1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
logo
TAITRON Components Inco...
TCDT1DW TAITRON-TCDT1DW Datasheet
199Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
logo
Diodes Incorporated
S1MSWFMQ DIODES-S1MSWFMQ Datasheet
655Kb / 5P
   1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
S1MSP1M DIODES-S1MSP1M Datasheet
567Kb / 5P
   1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI123
Rev. 3 - 2 October 2022
S1KP1M DIODES-S1KP1M Datasheet
518Kb / 5P
   1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI123
Rev. 3 - 2 October 2022
logo
Zibo Seno Electronic En...
1A1 ZSELEC-1A1 Datasheet
113Kb / 2P
   1.0A STANDARD DIODE
logo
Won-Top Electronics
1A1 WTE-1A1_06 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com