Electronic Components Datasheet Search |
|
EB52F4D15AN-12800M Datasheet(PDF) 2 Page - Ecliptek Corporation |
|
EB52F4D15AN-12800M Datasheet(HTML) 2 Page - Ecliptek Corporation |
2 / 2 page ECLIPTEK CORP. OSCILLATOR EB52F4 14 pin DIP 3.3V OS2X 06/04 MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS MARKING SPECIFICATIONS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. Characteristic Specification Fine Leak Test MIL-STD-883, Method 1014, Condition A Gross Leak Test MIL-STD-883, Method 1014, Condition C Mechanical Shock MIL-STD-202, Method 213, Condition C Vibration MIL-STD-883, Method 2007, Condition A Lead Integrity MIL-STD-883, Method 2004 Solderability MIL-STD-883, Method 2002 Temperature Cycling MIL-STD-883, Method 1010 Resistance to Soldering Heat MIL-STD-883, Method 210 Resistance to Solvents MIL-STD-883, Method 215 Pin 1: Voltage Control or No Connect Pin 7: Case Ground Pin 8: Output Pin 14: Supply Voltage Line 1: ECLIPTEK Line 2: XX.XXX M M=MHz Frequency (5 Digits Maximum + Decimal) Line 3: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier Note: Pin 1 shall be designated with a dot EB52F4 D 15 A V - 12.800M - G INITIAL TOLERANCE D=±2.5ppm Maximum FREQUENCY STABILITY Two Digit Code Per Table 1 OPERATING TEMP. RANGE One Letter Code Per Table 1 AVAILABLE OPTIONS Blank=None (Standard) CB=Cut Leads to 2.540 ±0.500 (0.100” ±0.020”) CC=Cut Leads to 3.175 ±0.500 (0.125” ±0.020”) CD=Cut Leads to 3.810 ±0.500 (0.150” ±0.020”) CE=Cut Leads to 4.445 ±0.500 (0.175” ±0.020”) G=Full Size Gull Wing FREQUENCY EXTERNAL TRIM N=None (No Connection on Pin 1) V=Voltage Control on Pin 1 |
Similar Part No. - EB52F4D15AN-12800M |
|
Similar Description - EB52F4D15AN-12800M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |