Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSK-S15-5U Datasheet(PDF) 1 Page - CUI INC

Part # FSK-S15-5U
Description  FSK-S15 Series AC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSK-S15-5U Datasheet(HTML) 1 Page - CUI INC

  FSK-S15-5U Datasheet HTML 1Page - CUI INC FSK-S15-5U Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
FSK-S15 Series AC-DC Converter
Features
·UL, C-UL, CB, CE Marking
·Encapsulated compact case
·High efficiency
·Universal input
·Surface mounting technology
·Built in EMI filter
·Inrush current limit
·67kHz fixed frequency
·Fixed output voltage
·Thermal shutdown
·Short circuit protection
·Low output ripple and noise
·Isolated output
Model
Input
Output
Power
Ripple & Noise
Efficiency
Number
Voltage
Voltage1
Max.
Max
(Typ.)
FSK-S15-3R3U
AC 85~264V / DC110~340V
3.3V@3.0A
9.9w
80mVp-p
75
FSK-S15-5U
AC 85~264V / DC110~340V
5V@3.0
15w
80mVp-p
75
FSK-S15-12U
AC 85~264V / DC110~340V
12V@1.3A
15.6w
120mVp-p
78
FSK-S15-15U
AC 85~264V / DC110~340V
15V@1.0A
15.0w
150mVp-p
78
FSK-S15-24U
AC 85~264V / DC110~340V
24V@0.65A
15.6w
200mVp-p
78
Electrical specifications
Input
Voltage
AC85~264 (or DC 110~340V)
Current
0.31A max. @ 110VAC / 0.16A max. @ 220VAC
Frequency
47~440Hz max. (50~60Hz typ.)
Efficiency
75% min.
Inrush current (at cold start)
30A max. @ 110VAC / 60A max. @ 220VAC
Leakage current
0.5mA max. @ 110VAC / 0.75mA max. @ 220VAC
Output
Voltage tolerance
±2% (single and uncomplimentary dual)
±3% (complementary dual)
Ripple and noise
±1% typ.
Line regulation
±1% typ.
Load regulation
±1% typ.
Dynamic load regulation
±3% typ.
Temperature drift
±1% typ.
Rising time
400ms max.
Holding time
10ms min.
Protection circuit
Output short circuit protection
Works at over 105% of rating & recovers automatically
Over temperature protection
145°C typ.
Electrically isolated
Input / output
AC 4.8kV, 1 minute, 10mA / DC 500V, 100MOhms min.
Input / FG
AC 2kV, 1 minute, 10mA / DC 500V, 100MOhms min.
Output / FG
AC 0.5kV, 1 minute, 10mA / DC 500V, 70MOhms min.


Similar Part No. - FSK-S15-5U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSK-S15-5U ETC1-FSK-S15-5U Datasheet
50Kb / 3P
   FSK15 SERIES AC/DC CONVERTERS
logo
CUI INC
FSK-S15-5U CUI-FSK-S15-5U Datasheet
94Kb / 3P
   switching power supply
FSK-S15-5U CUI-FSK-S15-5U Datasheet
309Kb / 3P
   switching power supply
04/2010
More results

Similar Description - FSK-S15-5U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSK-S30 ETC1-FSK-S30 Datasheet
101Kb / 2P
   FSK-S30 SERIES AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com