Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VABD3 Datasheet(PDF) 1 Page - CUI INC

Part # VABD3
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VABD3 Datasheet(HTML) 1 Page - CUI INC

  VABD3 Datasheet HTML 1Page - CUI INC VABD3 Datasheet HTML 2Page - CUI INC VABD3 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VABD3 series
features
·3W Isolated output
·efficiency to 80%
·2:1 input range
·regulated outputs
·Pi input filter
·low ripple and noise
·24-Pin DIP package
·continuous short circuit protection
·meets EN55022 Class B, conducted
·remote ON/OFF option
·single output
model
input
output
output
input current
number1, 2, 3, 4
voltage
voltage
current
no load
full load
efficiency
VABD3-D12-S3R3
9-18VDC
3.3VDC
600mA
7.5mA
236mA
70%
VABD3-D12-S5
9-18VDC
5VDC
600mA
7.5mA
340mA
73%
VABD3-D12-S12
9-18VDC
12VDC
250mA
7.5mA
320mA
78%
VABD3-D12-S15
9-18VDC
15VDC
200mA
7.5mA
329mA
76%
VABD3-D12-D5
9-18VDC
±5VDC
±300mA
12mA
340mA
73%
VABD3-D12-D12
9-18VDC
±12VDC
±125mA
12mA
329mA
76%
VABD3-D12-D15
9-18VDC
±15VDC
±100mA
12mA
333mA
75%
VABD3-D24-S3R3
18-36VDC
3.3VDC
600mA
5mA
113mA
73%
VABD3-D24-S5
18-36VDC
5VDC
600mA
5mA
168mA
74%
VABD3-D24-S12
18-36VDC
12VDC
250mA
5mA
156mA
80%
VABD3-D24-S15
18-36VDC
15VDC
200mA
5mA
156mA
80%
VABD3-D24-D5
18-36VDC
±5VDC
±300mA
7.5mA
168mA
74%
VABD3-D24-D12
18-36VDC
±12VDC
±125mA
7.5mA
156mA
80%
VABD3-D24-D15
18-36VDC
±15VDC
±100mA
7.5mA
160mA
78%
VABD3-D48-S3R3
36-72VDC
3.3VDC
600mA
3mA
58mA
71%
VABD3-D48-S5
36-72VDC
5VDC
600mA
2mA
82mA
76%
VABD3-D48-S12
36-72VDC
12VDC
250mA
2mA
82mA
77%
VABD3-D48-S15
36-72VDC
15VDC
200mA
2mA
82mA
77%
VABD3-D48-D5
36-72VDC
±5VDC
±300mA
3mA
82mA
76%
VABD3-D48-D12
36-72VDC
±12VDC
±125mA
3mA
82mA
76%
VABD3-D48-D15
36-72VDC
±15VDC
±100mA
3mA
82mA
76%
NOTES:
1. suffix “HM” for 1.5K Vdc isolation
2. suffix “H” for 3K Vdc isolation
3. suffix “-SMT” for SMT case style
4. suffix “-1” for on/off control option


Similar Part No. - VABD3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VABD6 CUI-VABD6 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-D12 CUI-VABD6-D12-D12 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-D15 CUI-VABD6-D12-D15 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-D5 CUI-VABD6-D12-D5 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-S12 CUI-VABD6-D12-S12 Datasheet
268Kb / 3P
   DC/DC converter
More results

Similar Description - VABD3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com