Electronic Components Datasheet Search |
|
E13C2H1G-155.520MTR Datasheet(PDF) 5 Page - Ecliptek Corporation |
|
E13C2H1G-155.520MTR Datasheet(HTML) 5 Page - Ecliptek Corporation |
5 / 13 page Characteristic Specification Seal Integrity Bubble test in Perfluorocarbon at +125°C ±5°C for 60 seconds minimum (internal crystal only). Solderability Sn63 Solder dip at +230°C ±5°C for 5 seconds/95% coverage. Marking Permanency 10 Strokes with brush after 1 minute soak in solvent, 3 times. Shock Random drop on hard wooden plate 3 times from a height of 20cm. Vibration Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz within 1 minute (approximately) for 2 hours minimum on each axis (X, Y and Z) for a total of 6 hours. Line 1: ECLIPTEK Line 2: XX.XXX M Frequency in MHz (5 Digits Maximum + Decimal) Line 3: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR E11C2 CERAMIC 5.0V OS66 10/02 MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS MARKING SPECIFICATIONS TAPE AND REEL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS *Compliant to EIA 481A 800-ECLIPTEK www.ecliptek.com for latest revision 155 Specifications subject to change without notice. REEL M 1.5 MIN N 50 MIN O 20.2 MIN P 13±.2 Q 40 MIN S 10 MIN R 2.5 MIN T 30.4 MAX U 360 MAX V 24.4+2-0 QTY/REEL 1000 A B C D E F 24 ±.3 11.5 ±.1 10.75 ±.1 4 ±.2 2±.1 F G H J K L 12 ±.1 B0* 1.5 +.1-0 A0* .4 ±.05 K0* TAPE E11C2 F 2 C - 155.520M TR PART NUMBERING GUIDE AVAILABLE OPTIONS Blank=Tubes TR=Tape and Reel (Standard) FREQUENCY FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE C=±100ppm Maximum over 0°C to +70°C D=±50ppm Maximum over 0°C to +70°C E=±25ppm Maximum over 0°C to +70°C F=±20ppm Maximum over 0°C to +70°C G=±100ppm Maximum over -40°C to +85°C H=±50ppm Maximum over -40°C to +85°C DUTY CYCLE 1=50% ±10%, 2=50% ±5% PIN CONNECTIONS TABLE LOGIC CONTROL/ADDITIONAL OUTPUT D=Complementary Output and Enable/Disable E=Complementary Output (Alt. Pin Configuration) G=Complementary Output and Enable/Disable (Alt. Pin Configuration) A=No Connect B=Enable/Disable C=Complementary Output OBSOLETE |
Similar Part No. - E13C2H1G-155.520MTR |
|
Similar Description - E13C2H1G-155.520MTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |