Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VASD2-S24-D12-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VASD2-S24-D12-DIP
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VASD2-S24-D12-DIP Datasheet(HTML) 2 Page - CUI INC

  VASD2-S24-D12-DIP Datasheet HTML 1Page - CUI INC VASD2-S24-D12-DIP Datasheet HTML 2Page - CUI INC VASD2-S24-D12-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION:
DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VASD2-DIP series
GENERAL SPECIFICATIONS
short circuit protection
<1 second
temperature rise at full load
25°C Max, 15°C typ.
cooling
free air convection
operating temperature range
-40°C to +85°C
storage temperature range
-55°C to +125°C
soldering temperature
300°C (1.5mm from case for 10 sec.)
storage humidity range
<95%
case material
plastic (UL94-V0)
safety
approved to UL60950-1 (E222736)
MTBF
>3,500,000 hrs.
burn-in
full load at +85°C, for 4 hours at no-load and 4 hours at full load.
ISOLATION SPECIFICATIONS
item
test conditions
min.
typ.
max.
units
isolation voltage
tested for 1 min.
1000
Vdc
insulation resistance
test at 500 Vdc
1000
M Ω
DIMENSIONS (mm)
Pin Fu nctio n
1
7
8
9
11
14
-Vin
NC
COM
+Vout
-Vout
+Vin
Side View
Bottom View
1
7
8
9
11
14
1
7
8
9
11
14
Note: All Pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
TYPICAL CHARACTERISTICS
Ambient Temperature C
(
)


Similar Part No. - VASD2-S24-D12-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VASD2-S24-D12-SIP CUI-VASD2-S24-D12-SIP Datasheet
173Kb / 3P
   DC/DC converter
More results

Similar Description - VASD2-S24-D12-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com