Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU-V114 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # PDU-V114
Description  UV Enhanced Silicon Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PDU-V114 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  PDU-V114 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• UV enhanced
• High shunt resistance
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 10mV
10
50
pA
RSH
Shunt Resistance
VR = 10 mV
200
1000
MW
CJ
Junction Capacitance
VR = 0 V, f = 1 MHz
2000
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
R
Responsivity
l= 254 nm V, VR = 0 V
0.07
0.09
VBR
Breakdown Voltage
I = 10 μA
30
50
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
2 x10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Wavelength (nm)
UV Enhanced Silicon Photodiode
PDU-V114
PACKAGE DIMENSIONS INCH [mm]
TO-5 PACKAGE
The PDU-V114 is a UV enhanced silicon PIN
packaged in a hermetic TO-5 metal package.
• Instrumentation
• Industrial
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-5 PACKAGE
.236 [5.99]
.136 [3.45]
.224 [5.69]
.124 [3.15]
ACTIVE AREA
ACTIVE AREA
Ø.362 [9.19]
Ø.357 [9.07]
63°
VIEWING
ANGLE
Ø.245 [6.22]
Ø.255 [6.48]
Ø.320 [8.13]
Ø.330 [8.38]
2X .50 [12.7] MIN
45°
ANODE
CATHODE
.200 [5.08]
2X Ø.018 [0.46]
.010 [0.25] MAX
GLASS ABOVE CAP TOP EDGE
.075 [1.91]
.168 [4.27]


Similar Part No. - PDU-V114

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDU-V104 ADVANCEDPHOTONIX-PDU-V104 Datasheet
94Kb / 1P
   UV Enhanced Silicon Photodiode
More results

Similar Description - PDU-V114

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDU-V104 ADVANCEDPHOTONIX-PDU-V104 Datasheet
94Kb / 1P
   UV Enhanced Silicon Photodiode
SD200-13-23-042 ADVANCEDPHOTONIX-SD200-13-23-042 Datasheet
96Kb / 1P
   UV Enhanced Silicon Photodiode
SD200-13-23-242 ADVANCEDPHOTONIX-SD200-13-23-242 Datasheet
97Kb / 1P
   UV Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD200-13-23-042 LUNA-SD200-13-23-042 Datasheet
177Kb / 2P
   UV Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
SD100-13-23-222 ADVANCEDPHOTONIX-SD100-13-23-222 Datasheet
98Kb / 1P
   UV Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD100-13-23-222 LUNA-SD100-13-23-222 Datasheet
184Kb / 2P
   UV Enhanced Silicon Photodiode
SD100-13-23-022 LUNA-SD100-13-23-022 Datasheet
160Kb / 2P
   UV Enhanced Silicon Photodiode
SD200-13-23-242 LUNA-SD200-13-23-242 Datasheet
137Kb / 2P
   UV Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
SD100-13-23-022 ADVANCEDPHOTONIX-SD100-13-23-022 Datasheet
97Kb / 1P
   UV Enhanced Silicon Photodiode
SD172-13-23-222 ADVANCEDPHOTONIX-SD172-13-23-222 Datasheet
97Kb / 1P
   UV Enhanced Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com