Selected language     English  ▼


P-15B Datasheet(PDF) 2 Page - Advanced Photonix, Inc.

Part No. P-15B
Description  An ultrafast, InGaAs PIN photodetector module
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Homepage  http://www.advancedphotonix.com
Logo 

   
 2 page
background image
Picometrix, Inc. • PO Box 130243
Ann Arbor, MI • 48113-0243
734-998-4501 • 734-998-3474 fax
www.picometrix.com
Application Notes
Electrostatic discharge (ESD) will cause permanent
damage to the product. Please avoid any ESD to the
input pins or output connector. Use standard ESD
protective equipment when handling this product.
Temperature and fiber restrictions are as follows:
Lead soldering: 250°C for no more than 10 seconds
Fiber feed-through tube: 120°C
Fiber pull force: 10 N
Fiber bending radius: 1 inch or less
Exceeding these conditions can cause permanent
damage to the device.
Quality Vision
As a leader in ultrafast optical receivers, Picometrix
is committed to providing the highest quality
ultrafast products on the market. This quality vision
commits us to continually improving our product
designs and manufacturing processes, in order to
ensure the highest level of customer satisfaction.
The company maintains a stringent quality control
program to ensure that all products meet or
surpass customer requirements.
05
10
15
20
25
-12
-9
-6
-3
0
Frequency (GHz)
0.0
0.5
1.0
Time (30 ps/div)
P-15B Ordering Information
Base model (without connector)
P-15B
Option format
/Package/Output termination/Fiber connector
Package options
3K or 3NC
Output termination options
Z50
Fiber connector options
FC or SC
Product Specifications
© 2002 Picometrix, Inc. All rights reserved. Specifications
and output data subject to change without notice.
PB-P-15B-0202-A
Pin Description
1V
PD
2
GND
3NC
2X ø.080 THRU
.100
.100
.018 TYP.
.700
1.148
.295
.325
.195
.873
.500
.050
.202
Single-mode fiber
with 900µm buffer
(1 meter typical)
.500
1
2
3




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P-20AAn ultrafast InGaAs PIN photodetector module 1 2 Advanced Photonix, Inc.
P-50AAn ultrafast InGaAs PIN photodetector designed 1 2 Advanced Photonix, Inc.
P-18AAn ultrafast InGaAs PIN photodetector 1 2 Advanced Photonix, Inc.
NDL5421P_001000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE 1 2 3 4 5 California Eastern Labs
NDL5461P_001000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE 1 2 3 4 5 California Eastern Labs
PD-1350Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL 1 2 Optoway Technology Inc
PDA-1300InGaAs PIN Photodiode Module for CATV Receiver 1 2 Optoway Technology Inc
PDA-1500-FAInGaAs PIN Photodiode Module for CATV Receiver 1 2 Optoway Technology Inc
PD-1150-XXXInGaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package 1 2 3 Optoway Technology Inc
G9230-01_04InGaAs PIN photodiode 1 2 Hamamatsu Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl