Selected language     English  ▼


P-15B3K Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part No. P-15B3K
Description  An ultrafast, InGaAs PIN photodetector module
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Homepage  http://www.advancedphotonix.com
Logo 

   
 1 page
background image
P-15B
Product Bulletin (Preliminary) • February 2002
• 12 GHz PIN detector module
• Front-end for receivers up to 10.7 Gb/s
• High responsivity, 1.0 A/W
• 18 ps risetime
• Compact 3-pin package
The P-15B is an ultrafast, InGaAs PIN
photodetector module ideal for use as an
O/E front-end for receivers in applications
up to 10.7 Gb/s. The back-illuminated
PIN photodiode design optimizes speed
and sensitivity for the 1200 nm through
1650 nm wavelength range. The internal
Clean-pulseTM design assures low group-
delay response necessary for time-domain,
digital applications.
The detector is available in a compact
3-pin package with either a K output
connector or an RF feed-through pin for
direct soldering to circuit boards. Input
via a single-mode fiber is standard.
The hermetic module is Telcordia
compliant.
Specifications
Minimum
Typical
Maximum
Units
Wavelength range
1200
1650
nm
Bandwidth (-3dB electrical)
9
12
GHz
Low frequency cutoff
DC
kHz
Risetime
18
20
ps
Responsivity @ 1310 nm
0.9
1.0
A/W
Responsivity @ 1550 nm
0.9
1.0
A/W
Optical Return Loss
-37
dB
Output termination
Open (std.) or 50 (opt.)
DC Electrical
Photodiode voltage
+5
+7
+10
V
Mechanical
Package type
3-pin module with optional K connector
Operating temperature
-40
+85
°C
Storage temperature
-40
+85
°C




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P-20AAn ultrafast InGaAs PIN photodetector module 1 2 Advanced Photonix, Inc.
P-50AAn ultrafast InGaAs PIN photodetector designed 1 2 Advanced Photonix, Inc.
P-18AAn ultrafast InGaAs PIN photodetector 1 2 Advanced Photonix, Inc.
NDL5421P_001000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE 1 2 3 4 5 California Eastern Labs
NDL5461P_001000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE 1 2 3 4 5 California Eastern Labs
PD-1350Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL 1 2 Optoway Technology Inc
PDA-1300InGaAs PIN Photodiode Module for CATV Receiver 1 2 Optoway Technology Inc
PDA-1500-FAInGaAs PIN Photodiode Module for CATV Receiver 1 2 Optoway Technology Inc
PD-1150-XXXInGaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package 1 2 3 Optoway Technology Inc
G9230-01_04InGaAs PIN photodiode 1 2 Hamamatsu Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl