Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-15BFC Datasheet(PDF) 2 Page - Advanced Photonix, Inc.

Part # P-15BFC
Description  An ultrafast, InGaAs PIN photodetector module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

P-15BFC Datasheet(HTML) 2 Page - Advanced Photonix, Inc.

  P-15BFC Datasheet HTML 1Page - Advanced Photonix, Inc. P-15BFC Datasheet HTML 2Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Picometrix, Inc. • PO Box 130243
Ann Arbor, MI • 48113-0243
734-998-4501 • 734-998-3474 fax
www.picometrix.com
Application Notes
Electrostatic discharge (ESD) will cause permanent
damage to the product. Please avoid any ESD to the
input pins or output connector. Use standard ESD
protective equipment when handling this product.
Temperature and fiber restrictions are as follows:
Lead soldering: 250°C for no more than 10 seconds
Fiber feed-through tube: 120°C
Fiber pull force: 10 N
Fiber bending radius: 1 inch or less
Exceeding these conditions can cause permanent
damage to the device.
Quality Vision
As a leader in ultrafast optical receivers, Picometrix
is committed to providing the highest quality
ultrafast products on the market. This quality vision
commits us to continually improving our product
designs and manufacturing processes, in order to
ensure the highest level of customer satisfaction.
The company maintains a stringent quality control
program to ensure that all products meet or
surpass customer requirements.
05
10
15
20
25
-12
-9
-6
-3
0
Frequency (GHz)
0.0
0.5
1.0
Time (30 ps/div)
P-15B Ordering Information
Base model (without connector)
P-15B
Option format
/Package/Output termination/Fiber connector
Package options
3K or 3NC
Output termination options
Z50
Fiber connector options
FC or SC
Product Specifications
© 2002 Picometrix, Inc. All rights reserved. Specifications
and output data subject to change without notice.
PB-P-15B-0202-A
Pin Description
1V
PD
2
GND
3NC
2X ø.080 THRU
.100
.100
.018 TYP.
.700
1.148
.295
.325
.195
.873
.500
.050
.202
Single-mode fiber
with 900µm buffer
(1 meter typical)
.500
1
2
3


Similar Part No. - P-15BFC

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
P-152 MERRIMAC-P-152 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
P-153 MERRIMAC-P-153 Datasheet
73Kb / 1P
   0 POWER DIVIDERS / COMBINERS
P-154 MERRIMAC-P-154 Datasheet
73Kb / 1P
   0 POWER DIVIDERS / COMBINERS
P-158 MERRIMAC-P-158 Datasheet
106Kb / 1P
   0 POWER DIVIDER / COMBINER
More results

Similar Description - P-15BFC

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
P-20A ADVANCEDPHOTONIX-P-20A Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector module
P-18A ADVANCEDPHOTONIX-P-18A Datasheet
99Kb / 2P
   An ultrafast, InGaAs PIN photodetector
P-50A ADVANCEDPHOTONIX-P-50A Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector designed
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-001 ETC2-SD012-151-001 Datasheet
160Kb / 2P
   Surface Mount InGaAs Photodetector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com