Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM781F32B-85LF Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM781F32B-85LF
Description  256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM781F32B-85LF Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM781F32B-85LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM781F32B-85LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EM620FU8 Series
Low Power, 256Kx8 SRAM
10
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
#A1
A
A
B
C
D
E
F
G
H
6
5
4
3
2
1
B
B1
0.5
B/2
B
PACKAGE DIMENSION
36 Ball Fine Pitch BGA (0.75mm ball pitch)
Bottom View
Top View
C
D
Y
Min
Typ
Max
A
-
0.75
-
B
5.93
6.00
6.03
B1
-
3.75
-
C
6.93
7.00
7.03
C1
-
5.25
-
D
0.30
0.35
0.40
E
1.00
1.04
1.10
E1
-
0.79
-
E2
-
0.25
-
Y
-
-
0.08
NOTES.
1. Bump counts : 36(8row x 6column)
2. Bump pitch : (x,y)=(0.75x0.75) (typ.)
3. All tolerence are +/-0.050 unless
otherwise specified.
4. Typ : Typical
5. Y is coplanarity : 0.08(Max)
Side View
Detail A
A1 index Mark
Unit: millimeters


Similar Part No. - EM781F32B-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM781FR32AW-10L EMLSI-EM781FR32AW-10L Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781FR32AW-10S EMLSI-EM781FR32AW-10S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781FR32AW-70L EMLSI-EM781FR32AW-70L Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781FR32AW-70S EMLSI-EM781FR32AW-70S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM781FR32DW-10L EMLSI-EM781FR32DW-10L Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM781F32B-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com