Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM685FU8EU-10LF Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM685FU8EU-10LF
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM685FU8EU-10LF Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM685FU8EU-10LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM685FU8EU-10LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM620FU8BS Series
Low Power, 256Kx8 SRAM
4
DC AND OPERATING CHARACTERISTICS
NOTES
1. Typical values are measured at Vcc=3.0V, TA=25oC and not 100% tested.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
uA
Output leakage current
ILO
CS1=VIH or CS2=VIL or OE=VIH or WE=VIL
VIO=VSS to VCC
-1
-
1
uA
Operating power supply
ICC
IIO=0mA, CS1=VIL, CS2=WE=VIH, VIN=VIH or VIL
--
3
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS1<0.2V, CS2>VCC-0.2V,
VIN<0.2V or VIN>VCC-0.2V
--
3
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS1=VIL, CS2=VIH,
VIN=VIL or VIH
45ns
-
-
35
mA
55ns
-
-
30
70ns
-
-
25
Output low voltage
VOL
IOL = 2.1mA
--
0.4
V
Output high voltage
VOH
IOH = -1.0mA
2.4
-
-
V
Standby Current (TTL)
ISB
CS1=VIH, CS2=VIL, Other inputs=VIH or VIL
--
0.3
mA
Standby Current (CMOS)
ISB1
CS1>VCC-0.2V, CS2>VCC-0.2V (CS1 controlled)
or 0V<CS2<0.2V (CS2 controlled),
Other inputs = 0~VCC
(Typ. condition : VCC=3.0V @ 25
oC)
(Max. condition : VCC=3.3V @ 85
oC)
LF
-
11)
10
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -40 to 85oC, otherwise specified
2. Overshoot: VCC +2.0 V in case of pulse width < 20ns
3. Undershoot: -2.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
2.7
3.0
3.3
V
Ground
VSS
00
0
V
Input high voltage
VIH
2.0
-
VCC + 0.22)
V
Input low voltage
VIL
-0.23)
-0.6
V
CAPACITANCE1) (f =1MHz, TA=25oC)
1. Capacitance is sampled, not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Ouput capacitance
CIO
VIO=0V
-
10
pF


Similar Part No. - EM685FU8EU-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM685FP16CT-55L EMLSI-EM685FP16CT-55L Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM685FP16CT-55LL EMLSI-EM685FP16CT-55LL Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM685FP16CT-85L EMLSI-EM685FP16CT-85L Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM685FP16CT-85LL EMLSI-EM685FP16CT-85LL Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM685FP16CV-55L EMLSI-EM685FP16CV-55L Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM685FU8EU-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com