Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM620FP16AS-10L Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM620FP16AS-10L
Description  128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM620FP16AS-10L Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM620FP16AS-10L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM620FP16AS-10L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM610FV8T Series
Low Power, 128Kx8 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
2. Typical values are measured at T A=25
oC and not 100% tested.
Parameter
Symbol
Test Condition
Min
Typ2)
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.5
-
3.6
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled)
1)
-
0.25
-
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS 1 > Vcc-0.2V
V
cc
2.7V
2.2V
V
DR
CS
1
GND
tSDR
tRDR
Data Retention Mode
V
cc
2.7V
CS2
VDR
0.4V
GND
CS2 < 0.2V
DATA RETENTION WAVE FORM
CS1 Controlled
CS2 Controlled


Similar Part No. - EM620FP16AS-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620F32-45LF EMLSI-EM620F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32-45LL EMLSI-EM620F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32-85LF EMLSI-EM620F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32-85LL EMLSI-EM620F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32B-45LF EMLSI-EM620F32B-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM620FP16AS-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com