Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # S2G
Description  1.5A Surface Mount Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S2G Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  S2G Datasheet HTML 1Page - TAITRON Components Incorporated S2G Datasheet HTML 2Page - TAITRON Components Incorporated S2G Datasheet HTML 3Page - TAITRON Components Incorporated S2G Datasheet HTML 4Page - TAITRON Components Incorporated S2G Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.5A Surface Mount Rectifier
Rev. B/AH 2007-09-21
S2A – S2M
www.taitroncomponents.com
Page 2 of 5
Fig.2- Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Fig.1- Forward Current Derating Curve
Lead Temperature (° C)
Electrical Characteristics (T
Ambient=25ºC unless noted)
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B.
with 0.3 x 0.3" (8.0 x 8.0mm) copper pad areas.
(2) Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
S2A
S2B
S2D
S2G
S2J
S2K
S2M
Unit
Conditions
VF
Maximum Instantaneous
Forward Voltage
1.1
V
IF=1.5 A
1.0
TA=25 °C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
125
µA
TA=125 °C
Trr
Typical Reverse Recovery
Time
2.0
µS
IF=0.5A, IR=1.0A,
Irr=0.25A
CJ
Typical Junction
Capacitance
30
pF
VR=4V, f=1MHz
Rθ-JA
53
Rθ-JL
Typical Thermal
Resistance
16
° C/W
Note 1


Similar Part No. - S2G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S2G CHENG-YI-S2G Datasheet
113Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S2G PANJIT-S2G Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2G CHONGQING-S2G Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Leshan Radio Company
S2G LRC-S2G Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Micro Commercial Compon...
S2G MCC-S2G Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
S2AA TAITRON-S2AA Datasheet
196Kb / 5P
   1.5A Surface Mount Rectifier
logo
Diodes Incorporated
S2A DIODES-S2A Datasheet
47Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
S2A DIODES-S2A_10 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 14 - 2
RS2JA-13-F DIODES-RS2JA-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
S2BA-13-F DIODES-S2BA-13-F Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
RS2AA-13 DIODES-RS2AA-13 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
S2AAH TSC-S2AAH Datasheet
561Kb / 6P
   1.5A, 50V - 1000V Surface Mount Rectifier
logo
Diodes Incorporated
S2MA-13 DIODES-S2MA-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
RS2A DIODES-RS2A_1 Datasheet
393Kb / 3P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
S2A DIODES-S2A_1 Datasheet
83Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com