Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3J Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # S3J
Description  3.0A Surface Mount Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S3J Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  S3J Datasheet HTML 1Page - TAITRON Components Incorporated S3J Datasheet HTML 2Page - TAITRON Components Incorporated S3J Datasheet HTML 3Page - TAITRON Components Incorporated S3J Datasheet HTML 4Page - TAITRON Components Incorporated S3J Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0A Surface Mount Rectifier
Rev. B/AH 2007-09-21
S3A – S3M
www.taitroncomponents.com
Page 2 of 5
Fig.2- Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Fig.1- Forward Current Derating Curve
Lead Temperature (° C)
Electrical Characteristics (T
Ambient=25ºC unless noted)
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B.
with 0.3 x 0.3" (8.0 x 8.0mm) copper pad areas.
(2) Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Unit
Conditions
VF
Maximum Instantaneous
Forward Voltage
1.15
V
IF=3.0A
5.0
TA=25 °C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
250
µA
TA=125 °C
Trr
Typical Reverse Recovery
Time
2.5
µS
IF=0.5A, IR=1.0A,
Irr=0.25A
CJ
Typical Junction
Capacitance
60
pF
VR=4V, f=1MHz
Rθ-JA
47
Rθ-JL
Typical Thermal
Resistance
13
° C/W
Note 1


Similar Part No. - S3J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3J PANJIT-S3J Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3J MCC-S3J Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Fairchild Semiconductor
S3J FAIRCHILD-S3J Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
Semikron International
S3J SEMIKRON-S3J Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
First Silicon Co., Ltd
S3J FS-S3J Datasheet
143Kb / 2P
   General Purpose Rectifier
More results

Similar Description - S3J

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
S3AB TAITRON-S3AB Datasheet
194Kb / 5P
   3.0A Surface Mount Rectifier
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
   3.0A Surface Mount Schottky Rectifier
SS32B TAITRON-SS32B Datasheet
182Kb / 3P
   3.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
S3AB-DS2561 ETC1-S3AB-DS2561 Datasheet
67Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com