Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6160FS32CW10LL Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM6160FS32CW10LL
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6160FS32CW10LL Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM6160FS32CW10LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6160FS32CW10LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM620FU16 Series
Low Power, 128Kx16 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
CS2
B
I/O
9
UB
A
3
A
4
CS
1
I/O
1
C
I/O10 I/O11
A5
A6
I/O2
I/O3
D
VSS
I/O12 DNU
A7
I/O4
VCC
E
VCC
I/O13 DNU
A16
I/O5
VSS
F
I/O
15
I/O
14
A
14
A
15
I/O
6
I/O
7
G
I/O
16
DNU
A
12
A
13
WE
I/O
8
H
DNU
A8
A9
A10
A11
DNU
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization :128K x 16 bit
• Power Supply Voltage : 2.7V ~ 3.3V
• Low Data Retention Voltage : 1.5V(Min.)
• Three state output and TTL Compatible
• Package Type : 48-FPBGA 6.0x7.0
GENERAL DESCRIPTION
The EM620FU16 families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max.)
EM620FU16
Industrial (-40 ~ 85
oC)
2.7V~3.3V
55
1)/70ns
1
µA
2 mA
48-FPBGA
Name
Function
Name
Function
CS1,CS 2 Chip select inputs
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O 9~16)
A0~A16
Address Inputs
LB
Lower Byte (I/O 1~8)
I/O1~I/O 16 Data Inputs/outputs
DNU
Do Not Use
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 2048
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11 A12 A13 A14 A15 A16
WE
OE
UB
LB
CS1
CS2
I/O1 ~ I/O8
I/O9 ~ I/O16
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
1. The parameter is measured with 30pF test load.
PIN DESCRIPTION
48-FPBGA : Top view (ball down)


Similar Part No. - EM6160FS32CW10LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6160FS32CW55L EMLSI-EM6160FS32CW55L Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160FS32CW55S EMLSI-EM6160FS32CW55S Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160FS32CW85L EMLSI-EM6160FS32CW85L Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6160FS32CW85S EMLSI-EM6160FS32CW85S Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6160FS32CW10LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com