Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5.0CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SA5.0CA
Description  500W Glass Passivated Junction Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SA5.0CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SA5.0CA Datasheet HTML 1Page - TAITRON Components Incorporated SA5.0CA Datasheet HTML 2Page - TAITRON Components Incorporated SA5.0CA Datasheet HTML 3Page - TAITRON Components Incorporated SA5.0CA Datasheet HTML 4Page - TAITRON Components Incorporated SA5.0CA Datasheet HTML 5Page - TAITRON Components Incorporated SA5.0CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. B/AH 2007-11-10
SA5.0A~180CA
Glass Passvated Junction
Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-247-2232
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
500W Glass Passivated Junction Transient Voltage Suppressor
Features
• Stand-off voltage from 5.0 to 180 volts
• 500W Peak Pulse Power capability on 10/1000 μs waveform
repetition Rate(duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0v to VBR for
Uni-directional and 5.0ns for Bi-directional
• Excellent clamping capability
• Low incremental surge resistance
• Typical I
R less than 1 mA above 10V
• High temperature soldering guaranteed 265°C/10 seconds
/.037" (9.5mm) lead length, 5lbs (2.3kg),tension
• This series is UL recognized under component index. File number E315008
• RoHS Compliant
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
V WM
Stand-Off Voltage
5.0 to 180
Volts
PPPM
Peak Pulse Power Dissipation
on 10/1000 us waveform
Minimum 500
Watts
Non-repetitive current pulse
IPPM
Peak Pulse current
on 10/1000 us waveform
See Table
Amps
Non-repetitive current pulse
PM(AV)
Steady State Power Dissipation
3
Watts
At TL(Lead Temperature)=75°C (1)
IFSM
Peak Forward Surge Current
70
Amps
8.3ms single half sine-wave superimposed
on rated load (JEDEC method) (2)
TJ,TSTG
Operating and Storage
Temperature Range
-55 to 175
° C
Note: 1.
Mounted on copper pad area of 1.6" x 1.6" (40x40mm) per fig.5.
2.
Duty Cycle = 4 pulses per minute maximum.
DO204AC
(DO-15)


Similar Part No. - SA5.0CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0CA PANJIT-SA5.0CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
SA5.0CA RUILON-SA5.0CA Datasheet
848Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Yint Electroni...
SA5.0CA YINT-SA5.0CA Datasheet
843Kb / 5P
   SA Transient Voltage Suppressor Diode Series
logo
Won-Top Electronics
SA5.0CA WTE-SA5.0CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SA5.0CA SOCAY-SA5.0CA Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - SA5.0CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com