Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLN-H4R3-1254 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TLN-H4R3-1254
Description  3mm ROUND LAMP LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TLN-H4R3-1254 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TLN-H4R3-1254 Datasheet HTML 1Page - TAITRON Components Incorporated TLN-H4R3-1254 Datasheet HTML 2Page - TAITRON Components Incorporated TLN-H4R3-1254 Datasheet HTML 3Page - TAITRON Components Incorporated TLN-H4R3-1254 Datasheet HTML 4Page - TAITRON Components Incorporated TLN-H4R3-1254 Datasheet HTML 5Page - TAITRON Components Incorporated TLN-H4R3-1254 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. A/PG 20080107
3mm Round LED
www.taitroncomponents.com
Page 2 of 6
TLN-H4R3-1254
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Continuous Forward Current
IF
15
mA
Power Dissipation
Pd
45
mW
Peak Forward Current (Duty 1/10@1KHZ)
IF
50
mA
Soldering Temperature (Note.1)
Tsol
260 ± 5
°C
Operating Temperature
Topr
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Note 1:
Soldering time
5 seconds
Electro-Optical Characteristics (Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
0.63
1.60
-----
mcd
Viewing Angle
2
θ1/2
-----
40
-----
deg
Peak wavelength
λp
-----
697
-----
nm
Dominant wavelength
λd
-----
650
-----
nm
Spectrum Radiation Bandwidth
Δ
λ
-----
90
-----
nm
Forward Voltage
VF
1.5
2.0
2.4
V
IF =10mA
Reverse Current
IR
-----
-----
10
μA
VR=5V


Similar Part No. - TLN-H4R3-1254

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TLN-H4Q5-583 TAITRON-TLN-H4Q5-583 Datasheet
245Kb / 6P
   5mm x 5mm Square Lamp LED
TLN-H4Q5-583-XX-BL TAITRON-TLN-H4Q5-583-XX-BL Datasheet
245Kb / 6P
   5mm x 5mm Square Lamp LED
More results

Similar Description - TLN-H4R3-1254

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLAB6CB8 OPTEK-OVLAB6CB8 Datasheet
968Kb / 4P
   Round Blue LED Lamp (3mm)
OVLAS6CB8 OPTEK-OVLAS6CB8 Datasheet
986Kb / 4P
   Round Red LED Lamp (3mm)
logo
TT Electronics.
OVLAB6CB8 TTELEC-OVLAB6CB8 Datasheet
969Kb / 4P
   Round Blue LED Lamp (3mm)
OVLAG6CB8 TTELEC-OVLAG6CB8 Datasheet
984Kb / 4P
   Round Green LED Lamp (3mm)
logo
OPTEK Technologies
OVLAG6CB8 OPTEK-OVLAG6CB8 Datasheet
982Kb / 4P
   Round Green LED Lamp (3mm)
logo
TT Electronics.
OVLAS6CB8 TTELEC-OVLAS6CB8 Datasheet
988Kb / 4P
   Round Red LED Lamp (3mm)
logo
SunLED Corporation
LURR37D SUNLED-LURR37D Datasheet
186Kb / 4P
   T-1(3mm) ROUND LED LAMP
logo
Kingbright Corporation
WP937IID KINGBRIGHT-WP937IID_11 Datasheet
301Kb / 6P
   T-1(3mm) ROUND LED LAMP
WP937IID KINGBRIGHT-WP937IID Datasheet
414Kb / 6P
   T-1(3mm) ROUND LED LAMP
WP937YYD KINGBRIGHT-WP937YYD Datasheet
414Kb / 6P
   T-1(3mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com