Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EH1100ETTTS-70.000M-CL Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EH1100ETTTS-70.000M-CL
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EH1100ETTTS-70.000M-CL Datasheet(HTML) 1 Page - Ecliptek Corporation

  EH1100ETTTS-70.000M-CL Datasheet HTML 1Page - Ecliptek Corporation EH1100ETTTS-70.000M-CL Datasheet HTML 2Page - Ecliptek Corporation EH1100ETTTS-70.000M-CL Datasheet HTML 3Page - Ecliptek Corporation EH1100ETTTS-70.000M-CL Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EH11
14 Pin DIP
5.0V
OS44
12/05
EH11 Series
• RoHS Compliant (Pb-free)
• HCMOS/TTL output
• 5.0V supply voltage
• 14 pin DIP package
• Stability to 20ppm
• Custom lead length,
gull wing options available
OSCILLATOR
EH11
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
ELECTRICAL SPECIFICATIONS
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
w/TTL Load
w/HCMOS Load
w/TTL Load
w/HCMOS Load
at 1.4V
DC w/TTL Load; at 50% of waveform w/HCMOS
Load (
≤70.000MHz)
at 50% of waveform w/ TTL Load or w/HCMOS
Load (>70.000MHz)
at 50% of waveform w/TTL Load or w/HCMOS Load
0.8V
DC to 2.0VDC w/TTL Load or 20% to 80%
of Waveform w/HCMOS Load (
≤70.000MHz)
0.8V
DC to 2.0VDC w/TTL Load or 20% to 80%
of Waveform w/HCMOS Load (>70.000MHz)
V
IH :No Connection
V
IH :
≥2.2V
DC
V
IL :
≤0.8V
DC
≤70.000MHz
>70.000MHz
1.000MHz to 155.520MHz
0°C to 70°C or -40°C to 85°C
-55°C to 125°C
5.0V
DC ±10%
50mA Maximum (Unloaded)
±100ppm, ±50ppm, ±25ppm, or
±20ppm Maximum
2.4V
DC Minimum
I
OH =-16mA
V
DD-0.4VDC Minimum
I
OH =-16mA
0.4V
DC Maximum
I
OL =+16mA
0.5V
DC Maximum
I
OL =+16mA
50 ±10(%) (Standard)
50 ±10(%) (Standard)
50 ±5(%) (Optional)
6 nSeconds Maximum
4 nSeconds Maximum
Enables Output
Enables Output
Disables Output: High Impedance
±5ppm / year Maximum
10 mSeconds Maximum
10TTL Load or 50pF HCMOS Load Maximum
5TTL Load or 15pF HCMOS Load Maximum
±250pSec Maximum, ±100pSec Typical
±50pSec Maximum, ±30pSec Typical
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Duty Cycle (V
DD=5.0VDC)
Rise Time / Fall Time
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time
Load Drive Capability
Period Jitter: Absolute
Period Jitter: One Sigma
H
5.08
W 20.8
L 13.2


Similar Part No. - EH1100ETTTS-70.000M-CL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
EH11A DIODES-EH11A Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - EH1100ETTTS-70.000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com