Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECCM4A2CBTS-70.000M-TR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # ECCM4A2CBTS-70.000M-TR
Description  1.38mm GLASS SURFACE MOUNT CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECCM4A2CBTS-70.000M-TR Datasheet(HTML) 1 Page - Ecliptek Corporation

  ECCM4A2CBTS-70.000M-TR Datasheet HTML 1Page - Ecliptek Corporation ECCM4A2CBTS-70.000M-TR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
Monday, November 30, 1998
TO:
Affected Customers
FROM:
Marketing
RE:
ECCM4 Series Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the ECCM4 series
Ecliptek crystal effective Monday, November 30, 1998.
In compliance with our End of Life (EOL) policy, this notice will serve as advanced
notice of product termination. New orders will not be accepted after Monday, February
01, 1999, with delivery to be conclude by Monday, February 01, 1999.
The ECCM5 series is a recommended alternate for the ECCM4 series. This may not be
an exact cross, so it is highly recommended that the data sheet(s) of the recommended
alternate are reviewed and samples tested to ensure conformance.
If there are any questions pertaining to this bulletin, please contact your Ecliptek sales
representative. Thank you again for your cooperation.
Ecliptek Marketing


Similar Part No. - ECCM4A2CBTS-70.000M-TR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM1 ECLIPTEK-ECCM1 Datasheet
104Kb / 2P
   CRYSTAL
ECCM2 ECLIPTEK-ECCM2 Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
ECCM2-20-30.000M ECLIPTEK-ECCM2-20-30.000M Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
ECCM2-20-30.000MTR ECLIPTEK-ECCM2-20-30.000MTR Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
ECCM2-20-30000M ECLIPTEK-ECCM2-20-30000M Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
More results

Similar Description - ECCM4A2CBTS-70.000M-TR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM3 ECLIPTEK-ECCM3 Datasheet
36Kb / 2P
   1.5mm GLASS SURFACE MOUNT CRYSTAL
logo
Vishay Siliconix
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
   Surface Mount Crystal
Revision: 09-Mar-10
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
   Surface Mount Crystal
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
   SURFACE MOUNT CRYSTAL
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
   SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
ECX6034 ECM-ECX6034 Datasheet
71Kb / 1P
   Surface Mount Crystal
logo
Vishay Siliconix
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
   Surface Mount Crystal
Revision: 09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
   Surface Mount Crystal
logo
Raltron Electronics Cor...
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
   SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
CM309S ECM-CM309S Datasheet
69Kb / 1P
   Surface Mount Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com