Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST95022 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST95022
Description  2 Kbit Serial SPI EEPROM with High Speed Clock
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95022 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST95022 Datasheet HTML 3Page - STMicroelectronics ST95022 Datasheet HTML 4Page - STMicroelectronics ST95022 Datasheet HTML 5Page - STMicroelectronics ST95022 Datasheet HTML 6Page - STMicroelectronics ST95022 Datasheet HTML 7Page - STMicroelectronics ST95022 Datasheet HTML 8Page - STMicroelectronics ST95022 Datasheet HTML 9Page - STMicroelectronics ST95022 Datasheet HTML 10Page - STMicroelectronics ST95022 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
C
D
AI01559
S
Q
A7
2
1
3456789 10 11 12 13 14 15 16 17 18 19
A6 A5 A4 A3 A2 A1 A0
20 21 22 23
HIGH IMPEDANCE
INSTRUCTION
BYTE ADDRESS
0
7
65432
0
1
DATA BYTE
Figure 8. Byte Write Operation Sequence
C
D
AI01441
S
Q
2
1
34567
HIGH IMPEDANCE
0
Figure 7. Write Enable Latch Sequence
7/16
ST95022


Similar Part No. - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95020 STMICROELECTRONICS-ST95020 Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020B1TR STMICROELECTRONICS-ST95020B1TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020B3TR STMICROELECTRONICS-ST95020B3TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020B6TR STMICROELECTRONICS-ST95020B6TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020M1TR STMICROELECTRONICS-ST95020M1TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
More results

Similar Description - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_08 Datasheet
373Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95040 STMICROELECTRONICS-M95040_09 Datasheet
376Kb / 43P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
   64-Kbit serial SPI bus EEPROM with high-speed clock
Rev 19 February 2016
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com