Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH1300HS-24000M Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # ECH1300HS-24000M
Description  HALF SIZE HIGH FREQUENCY 3.3Vdc OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECH1300HS-24000M Datasheet(HTML) 1 Page - Ecliptek Corporation

  ECH1300HS-24000M Datasheet HTML 1Page - Ecliptek Corporation ECH1300HS-24000M Datasheet HTML 2Page - Ecliptek Corporation ECH1300HS-24000M Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
Saturday, April 01, 2000
TO:
Affected Customers
FROM:
Marketing
RE:
ECH13 Series Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the ECH13 series
Ecliptek oscillator effective Saturday, April 01, 2000.
In compliance with our End of Life (EOL) policy, this notice will serve as advanced
notice of product termination. New orders will not be accepted after Saturday, July 01,
2000, with delivery to be conclude by Saturday, September 30, 2000.
The EH13 series is a recommended alternate for the ECH13 series. This may not be an
exact cross, so it is highly recommended that the data sheet(s) of the recommended
alternate are reviewed and samples tested to ensure conformance.
If there are any questions pertaining to this bulletin, please contact your Ecliptek sales
representative. Thank you again for your cooperation.
Ecliptek Marketing


Similar Part No. - ECH1300HS-24000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECH11 ECLIPTEK-ECH11 Datasheet
883Kb / 3P
   HALF SIZE HIGH FREQUENCY 3.3Vdc OSCILLATOR
ECH1100-70.000M ECLIPTEK-ECH1100-70.000M Datasheet
883Kb / 3P
   HALF SIZE HIGH FREQUENCY 3.3Vdc OSCILLATOR
ECH1100-70000M ECLIPTEK-ECH1100-70000M Datasheet
883Kb / 3P
   HALF SIZE HIGH FREQUENCY 3.3Vdc OSCILLATOR
ECH1100ET-70.000M ECLIPTEK-ECH1100ET-70.000M Datasheet
883Kb / 3P
   HALF SIZE HIGH FREQUENCY 3.3Vdc OSCILLATOR
ECH1100ET-70000M ECLIPTEK-ECH1100ET-70000M Datasheet
883Kb / 3P
   HALF SIZE HIGH FREQUENCY 3.3Vdc OSCILLATOR
More results

Similar Description - ECH1300HS-24000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECH11 ECLIPTEK-ECH11 Datasheet
883Kb / 3P
   HALF SIZE HIGH FREQUENCY 3.3Vdc OSCILLATOR
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
   FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
ACHL-25.000MHZ-EK ABRACON-ACHL-25.000MHZ-EK Datasheet
458Kb / 1P
   3.3Vdc ??HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
   3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
logo
Vishay Siliconix
XOSM-52 VISHAY-XOSM-52_11 Datasheet
87Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52 VISHAY-XOSM-52 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
XO-523 VISHAY-XO-523_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
logo
Suntsu Electronics, Inc...
SXOHSC SUNTSU-SXOHSC Datasheet
373Kb / 3P
   Metal Half Size DIP CMOS Oscillator
logo
Vishay Siliconix
XO-52 VISHAY-XO-52_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52 VISHAY-XOSM-52_07 Datasheet
97Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 05-Mar-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com