Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C16258SLT45 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V53C16258SLT45
Description  HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258SLT45 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V53C16258SLT45 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C16258SLT45 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
V53C16258L Rev. 1.1 June 1999
MOSEL VITELIC
V53C16258L
33
tDH
Data in Hold Time
5
5
6
7
ns
14
34
tWOH
Write to OE Hold Time
5
6
7
8
ns
14
35
tOED
OE to Data Delay Time
5
6
7
8
ns
14
36
tRWC
Read-Modify-Write Cycle Time
90
110
115
130
ns
37
tRRW
Read-Modify-Write Cycle RAS Pulse
Width
59
75
80
87
ns
38
tCWD
CAS to WE Delay
23
30
32
34
ns
12
39
tRWD
RAS to WE Delay in Read-
Modify-Write Cycle
46
58
62
68
ns
12
40
tCRW
CAS Pulse Width (RMW)
34
48
50
52
ns
41
tAWD
Col. Address to WE Delay
29
38
41
42
ns
12
42
tPC
EDO Page Mode Read or Write Cycle
Time
14
15
17
19
ns
43
tCP
CAS Precharge Time
4
5
6
7
ns
44
tCAR
Column Address to RAS Setup Time
18
20
22
24
ns
45
tCAP
Access Time from Column Precharge
20
23
25
27
ns
7
46
tDHR
Data in Hold Time Referenced to RAS
25
30
35
40
ns
47
tCSR
CAS Setup Time CAS-before-RAS
Refresh
8
10
10
10
ns
48
tRPC
RAS to CAS Precharge Time
0
0
0
0
ns
49
tCHR
CAS Hold Time CAS-before-RAS Refresh
8
10
10
10
ns
50
tPCM
EDO Page Mode Read-Modify-Write
Cycle Time
43
60
65
70
ns
51
tCOH
Output Hold After CAS Low
3
5
5
5
ns
52
tOES
OE Low to CAS High Setup Time
3
5
5
5
ns
53
tOEH
OE Hold Time from WE during
Read-Modify Write Cycle
5
10
10
10
ns
54
tOEP
OE High Pulse Width
8
10
10
10
ns
55
tT
Transition Time (Rise and Fall)
1.5
50
1.5
50
1.5
50
1.5
50
ns
15
Optional Self Refresh
56
tREF
Refresh Interval (512 Cycles)
8
8
8
8
ms
17
57
tRASS
RAS Pulse Width During Self Refresh
100
100
100
100
µs
18
58
tRPS
RAS Precharge Time During Self Refresh
100
100
100
100
µs
18
59
tCHS
CAS Hold Time Width During Self Refresh
100
100
100
100
µs
18
60
tCHD
CAS Low Time During Self Refresh
100
100
100
100
µs
18
#
Symbol
Parameter
35
40
45
50
Unit Notes
Min. Max. Min. Max. Min. Max. Min. Max.
AC Characteristics (Cont’d)


Similar Part No. - V53C16258SLT45

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C16258SHK25 MOSEL-V53C16258SHK25 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK30 MOSEL-V53C16258SHK30 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK35 MOSEL-V53C16258SHK35 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK40 MOSEL-V53C16258SHK40 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results

Similar Description - V53C16258SLT45

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C832L MOSEL-V53C832L Datasheet
178Kb / 18P
   HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com