Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST95P04B1TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST95P04B1TR
Description  SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P04B1TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST95P04B1TR Datasheet HTML 5Page - STMicroelectronics ST95P04B1TR Datasheet HTML 6Page - STMicroelectronics ST95P04B1TR Datasheet HTML 7Page - STMicroelectronics ST95P04B1TR Datasheet HTML 8Page - STMicroelectronics ST95P04B1TR Datasheet HTML 9Page - STMicroelectronics ST95P04B1TR Datasheet HTML 10Page - STMicroelectronics ST95P04B1TR Datasheet HTML 11Page - STMicroelectronics ST95P04B1TR Datasheet HTML 12Page - STMicroelectronics ST95P04B1TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
pulses. The byte address is automatically incre-
mented to the next higher address after each byte
of data is shifted out. When the highest address is
reached (1FFh), the address counter rolls over to
0h allowing the read cycle to be continued indefi-
nitely. The read operation is terminated by dese-
lecting the chip. The chip can be deselected at any
time during data output. Any read attempt during a
non-volatile write cycle will be rejected and will
deselect the chip.
Byte Write Operation
Prior to any write attempt, the write enable latch
must have been set by issuing the WREN instruc-
tion. First, the device is selected (S = low) and a
serial WREN instruction byte is issued. Then, the
product is deselected by taking S high. After the
WREN instruction byte is sent, the ST95P04 will
set the write enable latch and then remain in
standby until it is deselected. Then, the write state
is entered by selecting the chip, issuing a one byte
address (A7-A0), and one byte of data. Bit 3 of the
write instruction contains address A8 (most signifi-
cant address bit). S must remain low for the entire
duration of the operation. The product must be
deselected just after the eigth bit of data has been
latched in. If not, the write process is cancelled. As
soon as the product is deselected, the self-timed
write cycle is initiated. While the write is in progress,
the status register may be read to check BP1, BP0,
WEL and WIP. WIP is high during the self-timed
write cycle. When the cycle is close to completion,
the write enable latch is reset.
Page Write Operation
A maximum of 16 bytes of data may be written
during one non-volatile write cycle. All 16 bytes
must reside on the same page. The page write
mode is the same as the byte write mode except
that instead of deselecting after the first byte of
data, up to 15 additional bytes can be shifted in
prior to deselecting the chip. A page address begins
with address xxxx 0000 and ends with xxxx 1111.
If the address counter reaches xxxx 1111 and the
clock continues, the counter will roll over to the first
address of the page (xxxx 0000) and overwrite any
previous written data. The programming cycle will
only start if the S transition does occur at the clock
low pulse just after the eigth bit of data of a word is
received.
C
D
AI01066
S
Q
2
1
3456789 10 11 12 13 14 15 16 17 18 19
A
20 21 22 23
7
65432
0
1
HIGH IMPEDANCE
DATA OUT
INSTRUCTION
BYTE ADDRESS
0
MSB
Figure 8. Read Operation Sequence
9/16
ST95P04


Similar Part No. - ST95P04B1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
ST95P08 STMICROELECTRONICS-ST95P08 Datasheet
119Kb / 16P
   8 Kbit Serial SPI EEPROM with Positive Clock Strobe
February 1999
ST95P08B1TR STMICROELECTRONICS-ST95P08B1TR Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
ST95P08B1TR STMICROELECTRONICS-ST95P08B1TR Datasheet
119Kb / 16P
   8 Kbit Serial SPI EEPROM with Positive Clock Strobe
February 1999
ST95P08B3TR STMICROELECTRONICS-ST95P08B3TR Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
More results

Similar Description - ST95P04B1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
25AA040 MICROCHIP-25AA040 Datasheet
240Kb / 12P
   4K SPI ??Bus Serial EEPROM
2006
25AA040 MICROCHIP-25AA040_06 Datasheet
419Kb / 22P
   4K SPI ??Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A Datasheet
571Kb / 28P
   4K SPI Bus Serial EEPROM
2007
25AA040A MICROCHIP-25AA040A_09 Datasheet
475Kb / 30P
   4K SPI Bus Serial EEPROM
2009
25AA040A MICROCHIP-25AA040A_12 Datasheet
1Mb / 38P
   4K SPI Bus Serial EEPROM
11/27/12
25AA040 MICROCHIP-25AA040 Datasheet
335Kb / 22P
   4K SPI Bus Serial EEPROM
08/29/06
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com