Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP1SME-20-30.000M Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # ECP1SME-20-30.000M
Description  4.3mm x 13.2mm Plastic Surface Mount Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECP1SME-20-30.000M Datasheet(HTML) 1 Page - Ecliptek Corporation

  ECP1SME-20-30.000M Datasheet HTML 1Page - Ecliptek Corporation ECP1SME-20-30.000M Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
Sunday, November 01, 1998
TO:
Affected Customers
FROM:
Marketing
RE:
ECP1SM Series Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the ECP1SM series
Ecliptek crystal effective Thursday, November 11, 1999.
In compliance with our End of Life (EOL) policy, this notice will serve as advanced
notice of product termination. New orders will not be accepted after Sunday, November
01, 1998, with delivery to be conclude by Thursday, December 31, 1998.
The EC3SM series is a recommended alternate for the ECP1SM series. This may not
be an exact cross, so it is highly recommended that the data sheet(s) of the
recommended alternate are reviewed and samples tested to ensure conformance.
If there are any questions pertaining to this bulletin, please contact your Ecliptek sales
representative. Thank you again for your cooperation.
Ecliptek Marketing


Similar Part No. - ECP1SME-20-30.000M

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP100 WJCI-ECP100 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-G WJCI-ECP100D-G Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB1960 WJCI-ECP100D-PCB1960 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB2140 WJCI-ECP100D-PCB2140 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP1SME-20-30.000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECP2SM ECLIPTEK-ECP2SM Datasheet
434Kb / 2P
   3.7mm x 12.5mm Plastic Surface Mount Crystal
logo
Pletronics, Inc.
SM39SE-10 PLETRONICS-SM39SE-10 Datasheet
41Kb / 1P
   4 Lead Surface Mount Plastic Crystal
logo
List of Unclassifed Man...
SM39S ETC1-SM39S Datasheet
41Kb / 1P
   4 Lead Surface Mount Plastic Crystal
logo
Connor-Winfield Corpora...
CS-018 CONNOR-WINFIELD-CS-018 Datasheet
107Kb / 2P
   3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
logo
MTRONPTI
M1325 MTRONPTI-M1325 Datasheet
254Kb / 1P
   Surface Mount Crystal 3.2 x 5 x 0.8 mm
M1254 MTRONPTI-M1254 Datasheet
254Kb / 1P
   Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
   Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
M1254 MTRONPTI-M1254 Datasheet
403Kb / 2P
   Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
logo
Abracon Corporation
ABMMC2 ABRACON-ABMMC2 Datasheet
1Mb / 2P
   7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL
08.20.10
logo
Golledge Electronics Lt...
GSX49-4 GOLLEDGE-GSX49-4 Datasheet
588Kb / 5P
   4.3mm Low Profile SM Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com