Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUNA18-20.000M-I2TR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EUNA18-20.000M-I2TR
Description  CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EUNA18-20.000M-I2TR Datasheet(HTML) 1 Page - Ecliptek Corporation

  EUNA18-20.000M-I2TR Datasheet HTML 1Page - Ecliptek Corporation EUNA18-20.000M-I2TR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EU Series
• RoHS Compliant (Pb-Free)
• HC-49/U package
• AT cut
• Resistance weld seal
• Tight tolerance/stability
• Tape and reel, vinyl sleeve, insulator tab,
third lead, and custom lead length options
available
CRYSTAL
EU
ELECTRICAL SPECIFICATIONS
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
EU
HC-49/U
CR40
11/07
EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H 13.58
L 11.18
W
4.70
Frequency Range
Frequency Tolerance / Stability
Over Operating Temperature Range
Operating Temperature Range
Aging (at 25°C)
Storage Temperature Range
Shunt Capacitance
Insulation Resistance
Drive Level
Load Capacitance (C
L)
1.8432MHz to 65.000MHz
±50ppm / ±100ppm (Standard), ±30ppm / ±50ppm,
±15ppm / ±30ppm, *±15ppm / ±20ppm, or ±10ppm / ±15ppm
0°C to 70°C, -20°C to 70°C, or -40°C to 85°C
±5ppm / year Maximum
-40°C to 125°C
7pF Maximum
500 Megaohms Minimum at 100V
DC
2 mWatts Maximum
18pF (Standard), Custom C
L
≥ 10pF, or Series Resonant
Frequency Range
1.8432MHz to 1.999MHz
2.000MHz to 2.399MHz
2.400MHz to 2.999MHz
3.000MHz to 3.199MHz
3.200MHz to 3.499MHz
3.500MHz to 3.599MHz
3.600MHz to 3.899MHz
3.900MHz to 3.999MHz
4.000MHz to 4.099MHz
ESR (
Ω)
650 Max
550 Max
350 Max
250 Max
200 Max
180 Max
150 Max
120 Max
100 Max
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Frequency Range
4.100MHz to 4.999MHz
5.000MHz to 5.999MHz
6.000MHz to 6.999MHz
7.000MHz to 7.999MHz
8.000MHz to 9.999MHz
10.000MHz to 12.999MHz
13.000MHz to 32.768MHz
24.000MHz to 29.999MHz
30.000MHz to 65.000MHz
ESR (
Ω)
80 Max
75 Max
50 Max
40 Max
35 Max
30 Max
25 Max
60 Max
40 Max
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
Third Overtone / AT
Third Overtone / AT


Similar Description - EUNA18-20.000M-I2TR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com