Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSBU-120-D Datasheet(PDF) 3 Page - CUI INC

Part # VSBU-120-D
Description  Dual Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSBU-120-D Datasheet(HTML) 3 Page - CUI INC

  VSBU-120-D Datasheet HTML 1Page - CUI INC VSBU-120-D Datasheet HTML 2Page - CUI INC VSBU-120-D Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VSBU-120 Dual Output Switching Power Supply
Rev 12-2006
0.560
14.2
0.5
10.9 0.429
0.5
0.5
76.2 3.000
MAX
3.0
33.6 1.323
0.5
0.5
20.3 0.799
30.8 1.213
0.5
27.6 1.087
0.5
AC
INPUT
L
N
G
DC
OUTPUT
(OPTIONAL)
0.5
5.000
127.0
4.551
115.6
0.5
5.7
0.5
0.5
0.224
0.217
2.571
0.5
0.5
5.5
65.3
76.2 3.000
4.0(MOUNTING HOLES)X4
M3XP0.5(MOUNTING HOLES)X4
0.5
27.6 1.087
20.3 0.799
0.5
40.0 1.575
0.5
Mechanical Specifications
Model
Pin
1
2
34
5
678
9 10 11 12
13
(optional)
VSBU-120-DXXX
Vo1 Vo1 Vo2 Vo2 Vo2 Vo2 COM COM COM N/C COM COM
PFD
VSBU-120-D524A
VSBU-120-D285
N/C N/C
Vo1 Vo1 Vo1 Vo1 COM COM COM Vo3 COM COM
PFD
N/C N/C
Vo1 Vo1 Vo1 Vo1 COM COM COM Vo3 COM COM
PFD


Similar Part No. - VSBU-120-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSBU-120-D CUI-VSBU-120-D Datasheet
442Kb / 4P
   AC-DC POWER SUPPLY
04/27/2021
VSBU-120-D285 CUI-VSBU-120-D285 Datasheet
442Kb / 4P
   AC-DC POWER SUPPLY
04/27/2021
VSBU-120-D305 CUI-VSBU-120-D305 Datasheet
442Kb / 4P
   AC-DC POWER SUPPLY
04/27/2021
VSBU-120-D312 CUI-VSBU-120-D312 Datasheet
442Kb / 4P
   AC-DC POWER SUPPLY
04/27/2021
VSBU-120-D512 CUI-VSBU-120-D512 Datasheet
442Kb / 4P
   AC-DC POWER SUPPLY
04/27/2021
More results

Similar Description - VSBU-120-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
   dual output switching power supply
logo
Astrodyne Corporation
PD25 ASTRODYNE-PD25 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
   35W Dual Output Switching Power Supply
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-35 MEANWELL-RD-35 Datasheet
373Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com