Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECCM35EET-20-70.000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # ECCM35EET-20-70.000MTR
Description  1.5mm GLASS SURFACE MOUNT CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECCM35EET-20-70.000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  ECCM35EET-20-70.000MTR Datasheet HTML 1Page - Ecliptek Corporation ECCM35EET-20-70.000MTR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
Monday, June 01, 1998
TO:
Affected Customers
FROM:
Marketing
RE:
ECCM3 Series Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the ECCM3 series
Ecliptek crystal effective Monday, June 01, 1998.
In compliance with our End of Life (EOL) policy, this notice will serve as advanced
notice of product termination. New orders will not be accepted after Thursday, April 01,
1999, with delivery to be conclude by Tuesday, June 01, 1999.
The ECCM5 series is a recommended alternate for the ECCM3 series. This may not be
an exact cross, so it is highly recommended that the data sheet(s) of the recommended
alternate are reviewed and samples tested to ensure conformance.
If there are any questions pertaining to this bulletin, please contact your Ecliptek sales
representative. Thank you again for your cooperation.
Ecliptek Marketing


Similar Part No. - ECCM35EET-20-70.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM1 ECLIPTEK-ECCM1 Datasheet
104Kb / 2P
   CRYSTAL
ECCM2 ECLIPTEK-ECCM2 Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
ECCM2-20-30.000M ECLIPTEK-ECCM2-20-30.000M Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
ECCM2-20-30.000MTR ECLIPTEK-ECCM2-20-30.000MTR Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
ECCM2-20-30000M ECLIPTEK-ECCM2-20-30000M Datasheet
42Kb / 2P
   2.5mmCeramic Surface Mount Crystal
More results

Similar Description - ECCM35EET-20-70.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM4 ECLIPTEK-ECCM4 Datasheet
509Kb / 2P
   1.38mm GLASS SURFACE MOUNT CRYSTAL
logo
LUMEX INC.
SML-LX1204USBCRATR LUMEX-SML-LX1204USBCRATR_17 Datasheet
435Kb / 2P
   3mm X 1.5mm Surface Mount
SML-LX1206GC-TR LUMEX-SML-LX1206GC-TR_17 Datasheet
418Kb / 2P
   3mm X 1.5mm Surface Mount
SML-LX1205UWC-TR LUMEX-SML-LX1205UWC-TR_17 Datasheet
266Kb / 3P
   3mm X 1.5mm Surface Mount
SML-LX1106UPGC-TR LUMEX-SML-LX1106UPGC-TR_17 Datasheet
88Kb / 1P
   3mm X 1.5mm Surface Mount
SML-LX1206AW-TR LUMEX-SML-LX1206AW-TR_17 Datasheet
124Kb / 2P
   3mm X 1.5mm Surface Mount
SML-LX1106USBC-TR LUMEX-SML-LX1106USBC-TR_17 Datasheet
88Kb / 1P
   3mm X 1.5mm Surface Mount
logo
ALPS ELECTRIC CO.,LTD.
SKRE ALPS-SKRE Datasheet
148Kb / 3P
   1.5mm Height SidepushTM (Surface Mount Type)
logo
LUMEX INC.
SML-LX1106SOC-TR LUMEX-SML-LX1106SOC-TR Datasheet
85Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106USBC-TR LUMEX-SML-LX1106USBC-TR Datasheet
87Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com