Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM624FS8BV-70LL Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM624FS8BV-70LL
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM624FS8BV-70LL Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM624FS8BV-70LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM624FS8BV-70LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM620FU16B Series
Low Power, 128Kx16 SRAM
3
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional oper-
ation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to 4.0V
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS1
CS2
OE
WE
LB
UB
I/O0-7
I/O8-15
Mode
Power
H
X
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
L
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
X
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
H
L
H
L
L
Data Out
Data Out
Word Read
Active
L
H
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
H
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
H
X
L
L
L
Data In
Data In
Word Write
Active


Similar Part No. - EM624FS8BV-70LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM624FR16AS-45LF ETC2-EM624FR16AS-45LF Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FR16AS-45LL ETC2-EM624FR16AS-45LL Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FR16AS-70LF ETC2-EM624FR16AS-70LF Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FR16AS-70LL ETC2-EM624FR16AS-70LL Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM624FR16AU-45LF ETC2-EM624FR16AU-45LF Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM624FS8BV-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com