Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7641FS16DU-70S Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM7641FS16DU-70S
Description  128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7641FS16DU-70S Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7641FS16DU-70S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7641FS16DU-70S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EM610FV8S Series
Low Power, 128Kx8 SRAM
8
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
tWC
Address
CS1
CS2
WE
Data in
Data out
t
CW(2)
tWR(4)
tAW
t
WP(1)
t
DW
t
DH
TIMING WAVEFORM OF WRITE CYCLE(3) ( CS2 CONTROLLED)
High-Z
High-Z
Data Valid
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS1, a high CS2 and low WE. A write begins at the latest
transition among CS1 goes low, CS2 goes high and WE goes low. A write ends at the earliest transition
when CS1 goes high, CS2 goes hagh and WE goes high. The tWP is measured from the beginning of write
to the end of write.
2. tCW is measured from the CS1 going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS1 or WE
going high.
tAS(3)


Similar Part No. - EM7641FS16DU-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7641FS16AS-45LF EMLSI-EM7641FS16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16AS-45LL EMLSI-EM7641FS16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16AS-70LF EMLSI-EM7641FS16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16AS-70LL EMLSI-EM7641FS16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7641FS16AS-70LL EMLSI-EM7641FS16AS-70LL Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7641FS16DU-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com