Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS-73B16K Datasheet(PDF) 4 Page - CUI INC

Part # CSS-73B16K
Description  magnetic buzzer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-73B16K Datasheet(HTML) 4 Page - CUI INC

  CSS-73B16K Datasheet HTML 1Page - CUI INC CSS-73B16K Datasheet HTML 2Page - CUI INC CSS-73B16K Datasheet HTML 3Page - CUI INC CSS-73B16K Datasheet HTML 4Page - CUI INC CSS-73B16K Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Phone: 800.275.4899
Fax: 503.612.2383
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CSS-73B16K
Description: magnetic buzzer
Date: 12/28/2007
Unit: mm
Page No: 4 of 5
Mechanical Characteristics
Item
Test Condition
Operating (Life Test)
1. Continuous life test:
The part will be subjected to 72 hours at +55°C
with 3.6 V, 2730 Hz applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minute off, a
minimum of 10,000 times at room temp
(+25±10°C) with 3.6 V, 2730 Hz applied.
Evaluation Standard
After the test, the part shall meet
specifications without any
damage to the appearance. After
4 hours at 25°C, the SPL
should be within ±10 dBA of the
initial SPL.
Test Conditions
Standard Test Condition
a) Tempurature: +5 ~ +35°C
b) Humidity: 45 - 85%
c) Pressure: 860 - 1060 mbar
Judgement Test Condition
a) Tempurature: +25±2°C
b) Humidity: 60 - 70%
c) Pressure: 860 - 1060 mbar
Recommended Temperature Profile for Reflow Oven


Similar Part No. - CSS-73B16K

ManufacturerPart #DatasheetDescription
logo
CUI INC
CSS-73B16K-SMT CUI-CSS-73B16K-SMT Datasheet
332Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CSS-73B16K-SMT-TR CUI-CSS-73B16K-SMT-TR Datasheet
563Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
03/22/2021
logo
CUI Devices
CSS-73B16K-SMT-TR CUID-CSS-73B16K-SMT-TR Datasheet
531Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CSS-73B16K

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
ST-0402T SOBERTON-ST-0402T Datasheet
1Mb / 6P
   Magnetic Buzzer
logo
CUI INC
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
   magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
   magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
   magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
   magnetic buzzer
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
   magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
   Magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
   magnetic buzzer
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
   MAGNETIC BUZZER
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
   MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com