Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM740FS8CW-45LL Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM740FS8CW-45LL
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM740FS8CW-45LL Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM740FS8CW-45LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM740FS8CW-45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM611FV16 Series
Low Power, 64Kx16 SRAM
1
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Document Title
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
May 9 , 2003
0.1
2’nd Draft
Add Pb-free part number
February 13 , 2004
Emerging Memory & Logic Solutions Inc.
IT Venture Tower Eastside 11F, 78, Karac-Dong, Songpa-Ku, Seoul, Rep.of Korea
Zip Code : 138-160
Tel : +82-2-2142-1759~1766 Fax : +82-2-2142-1769 /
Homepage : www.emlsi.com
The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM740FS8CW-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FS16CW-12LL EMLSI-EM740FS16CW-12LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16CW-12S EMLSI-EM740FS16CW-12S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16CW-55LL EMLSI-EM740FS16CW-55LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16CW-55S EMLSI-EM740FS16CW-55S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16DW-12LL EMLSI-EM740FS16DW-12LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM740FS8CW-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV16 EMLSI-EM610FV16 Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com