Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV32C1B3B2-35.328MTR Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EV32C1B3B2-35.328MTR
Description  CERAMIC SMD3.3V HCMOS/TTL VCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EV32C1B3B2-35.328MTR Datasheet(HTML) 2 Page - Ecliptek Corporation

  EV32C1B3B2-35.328MTR Datasheet HTML 1Page - Ecliptek Corporation EV32C1B3B2-35.328MTR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATION CONTROL DRAWING
PAGE1 OF2
Drawing Number
CSC12-560-000
Title
CERAMIC SMD 3.3V HCMOS/TTL VCXO
Revision
ECN Number
Approved By
Date
Effectivity Date
Released By
Date
B
5632
(Line #1) ECLIPTEK
(Line #2) XX.XXXM
(Line #3) XX Y ZZ
Week of Year
Frequency
Last Digit of Year
MARKING GUIDE
NOTE: Pin1 shall be marked witha dot. Marking shall
conform to conditions listed in TQC41-001-000.
ECLIPTEK
XX.XXXM
XXYZZ
Ecliptek Manufacturing Code (Per TEN02-001-000)
Frequency Range (F)
Frequency Tolerance& Stability/ Operating
Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
)/ Input Current (I)
Output Voltage Logic High (V)
Output Voltage Logic Low (V)
Rise/Fall Time (T /T)
Duty Cycle (SYM)
Load Drive Capability (C)
Start Up Time (T )/ Aging (@ 25°C)
Period Jitter: RMS (T)
Absolute Pull Range (APR)
Linearity
Control Voltage Range (V )/ Test Conditions forAPR
Control Voltage Range (V
)/ Transfer Function
Input Impedance (Z)
Modulation Bandwidth (MBW)
O
DD
DD
OH
OL
RF
LOAD
JRMS
C
CR
I
(All Values Inclusive of OTR, Vdd, and CLOAD, with
V = 1.65V)
Typical Phase Noise (at offsets 10Hz to 1MHz)
[All Values Inclusive of OTR, Vdd, C
, and Aging
over Control Voltage Range (V )]
C
DC
LOAD
C
S
16.384MHz to 44.736MHz
Not Specified over 0°C to +70°C
Not Specified over -40°C to +85°C
±50ppm Max. over 0°C to +70°C
±25ppm
±20ppm
±50ppm
-55°C to +125°C
3.3V
±10%/ 15mA Maximum
90% of V
Minimum
10% of V
Maximum
5nSec Maximum (20% to 80% of waveform)
50% ±10% (@ 50% of waveform)
50% ±5% (@ 50% of waveform)
15pF HCMOS Load Maximum
10 mSec Maximum/ ±2ppm/1st year Typical,
Not Specified
±20ppm Minimum
±32ppm Minimum
±50ppm Minimum
±80ppm Minimum
±100ppm Minimum
±20% Maximum
±15% Maximum
±10% Maximum
(See TEN08-563-800 fora list of standard frequencies)
Max. over 0°C to +70°C
Max. over 0°C to +70°C
Max. over -40°C to +85°C
±25ppm Max. over -40°C to +85°C
±10ppm/10 years Maximum
-70dBc/Hz, -100dBc/Hz, -130dBc/Hz -147dBc/Hz, -152dBc/Hz, and -155dBc/Hz
1.65V
±1.35V
(0.3V
to 3.0V)
0.0V
to V
/ Positive Transfer Characteristic
50kOhms Typical
10kHz Minimum (-3dB, V = 1.65V)
DC
DD
DD
,
DC
DC
DC
DC
DC
DD
C
DC
STANDARD SPECIFICATIONS
Shock:
Vibration:
Seal Integrity:
Solderability:
Marking Permenancy:
Conditions and Criteria Listed in TQC41-883-007
Conditions and Criteria Listed in TQC41-883-008
Conditions and Criteria Listed in TQC41-883-003
Conditions and Criteria Listed in TQC41-883-004/ 95% coverage
Conditions and Criteria Listed in TQC41-883-001
ENVIRONMENTAL& MECHANICAL
All Dimensions In Millimeters
EV32C1-
D2A 1M
35.328
TR
Duty Cycle
1= 50 ±10%
2= 50 ±5%
Absolute Pull Range (APR)
1= ±20ppm Minimum,2= ±32ppm Minimum
3= ±50ppm Minimum,4= ±80ppm Minimum
5= ±100ppm Minimum
Frequency
Packaging Options
Blank= Tubes (CPA74-004-000)
TR= Tape& Reel
(CPA70-161-000)
Linearity
A= 20% Maximum,B= 15% Maximum,
C= 10% Maximum
Frequency Tolerance& Stability/ OTR
A= Not Specified over 0°C to +70°C
B= Not Specified over -40°C to +85°C
±25ppm Max. over 0°C to +70°C
F= ±20ppm Max. over 0°C to +70°C
H= ±50ppm Max. over -40°C to +85°C
J= ±25ppm Max. over -40°C to +85°C
D= ±50ppm Max. over 0°C to +70°C
E=
PART NUMBERING GUIDE
5.08
±0.15
1.2
±0.2
2.60
±0.15
1.4
±0.1
3.68
±0.15
7.00
±0.15
1.60 ±0.20
5.00
±0.15
1
2
3
4
Code
A
B
D
E
F
H
J
1
2
1
2
3
4
5
A
B
C
PIN
1
2
3
4
CONNECTION
Control Voltage (V)
Ground/Case Ground
Output
Supply Voltage
C


Similar Part No. - EV32C1B3B2-35.328MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EV32C3 ECLIPTEK-EV32C3 Datasheet
154Kb / 2P
   OSCILLATOR
EV32C6 ECLIPTEK-EV32C6 Datasheet
154Kb / 2P
   OSCILLATOR
EV32C8 ECLIPTEK-EV32C8 Datasheet
126Kb / 2P
   Oscillator
EV32C8A3A1 ECLIPTEK-EV32C8A3A1 Datasheet
126Kb / 2P
   Oscillator
EV32C8A4A1 ECLIPTEK-EV32C8A4A1 Datasheet
126Kb / 2P
   Oscillator
More results

Similar Description - EV32C1B3B2-35.328MTR

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVHD-956 CRYSTEKCRYSTAL-CVHD-956 Datasheet
124Kb / 2P
   HCMOS/TTL VCXO with Enable/Disable 9X14 mm SMD, 3.3V, HCMOS/TTL
logo
MTRONPTI
M3V MTRONPTI-M3V Datasheet
262Kb / 1P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
K1523BA MTRONPTI-K1523BA_07 Datasheet
534Kb / 2P
   14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS_07 Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
M3V MTRONPTI-M3V_07 Datasheet
418Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
M3V_0611 MTRONPTI-M3V_0611 Datasheet
295Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVH MTRONPTI-MVH Datasheet
256Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com