Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7321FP32EW-10LF Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM7321FP32EW-10LF
Description  128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7321FP32EW-10LF Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM7321FP32EW-10LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7321FP32EW-10LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM610FV8T Series
Low Power, 128Kx8 SRAM
1
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Document Title
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
May 9 , 2003
0.1
2’nd Draft
Add Pb-free part number
February 13 , 2004
Emerging Memory & Logic Solutions Inc.
IT Venture Tower Eastside 11F, 78, Karac-Dong, Songpa-Ku, Seoul, Rep.of Korea
Zip Code : 138-160
Tel : +82-2-2142-1759~1766 Fax : +82-2-2142-1769 /
Homepage : www.emlsi.com
The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM7321FP32EW-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7321FP32AW-70L EMLSI-EM7321FP32AW-70L Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7321FP32AW-70LF EMLSI-EM7321FP32AW-70LF Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7321FP32AW12L EMLSI-EM7321FP32AW12L Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7321FP32AW12LF EMLSI-EM7321FP32AW12LF Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7321FP32BT-12LL EMLSI-EM7321FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7321FP32EW-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com