Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5130A-12800M Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # ES5130A-12800M
Description  4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ES5130A-12800M Datasheet(HTML) 3 Page - Ecliptek Corporation

  ES5130A-12800M Datasheet HTML 1Page - Ecliptek Corporation ES5130A-12800M Datasheet HTML 2Page - Ecliptek Corporation ES5130A-12800M Datasheet HTML 3Page - Ecliptek Corporation ES5130A-12800M Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION CONTROL DRAWING
EC51-
25E V 12.800M
Frequency Stability Code Per Table1
Frequency
Pin1 Connection
Blank= No Connect (pin1 not present)
V= Voltage Control
Operating Temperature Range Code Per Table1
PART NUMBERING GUIDE
(Line #1) ECLIPTEK
(Line #2) EC51 00XY
Pin1 Connection
Blank= No Connect (pin1 not present)
V= Control Voltage 2.5Vdc ±2.0Vdc
Positive Transfer Characteristic
Operating Temperature
Code Per Table1
Frequency Stability
Code Per Table1
NOTE: Marking shall conform to conditions
listed in TQC41-001-000.
(Line #3) XX.XXXM
(Line #4) XXY ZZ
Week of Year
Frequency
Last Digit of Year
Ecliptek Manufacturing Code
ECLIPTEK
EC5100XY
XX.XXXM
XXYZZ
NOTE: Pin1 is not present
when Control Voltage is
specified asa "No Connect"
ALL DIMENSIONS
IN MILLIMETERS
MARKING GUIDE
PAGE1 OF2
Drawing Number
CSC06-010-000
05-02-03
Title
4.5mm HEIGHT THRU-HOLE HCMOS/TTL TCXO
Revision
ECN Number
Approved By
Date
Effectivity Date
Released By
Date
E
8395
18.3 ±0.5
11.7 ±0.5
∅3.5 ±0.5
4.5 ±0.3
5.0 ±1.0
Ø0.50 ±0.05
2.5
±0.3
1.2 +0/-0.5
15.24 ±0.40
4.0 ±0.3
7.62 ±0.30
Output (3)
Supply
Voltage (4)
Ground (2)
Control
Voltage (1)
4.0 ±0.3
Frequency Range:
Frequency Stability:
vs. Input Voltage (±5%)
vs. Load (±2pF)
vs. Aging (at 25°C)
Operating/Storage Temp. Range
Supply Voltage
Input Current
Output Voltage Logic High
Output Voltage Logic Low
Rise/Fall Time
Duty Cycle
Load Drive Capabillity
Internal Trim (Top of Can)
Pin1 Control Voltage
Blank
V
Frequency Deviation
Typical Phase Noise
9.600MHz to 35.000MHz
See Table1 for Maximum Values (Inclusive of Operating Temperature Range)
±0.3ppm Maximum
±0.3ppm Maximum
±1ppm/year Maximum
See Table1 for Operating Temperature Range/ Storage -40ºC to +85ºC
5.0Vdc ±5%
30mA Maximum
2.4Vdc Min. w/TTL Load, VDD-0.5Vdc Min. w/HCMOS Load
0.4Vdc Max. w/TTL Load, 0.5Vdc Max. w/HCMOS Load
10nSec (0.4Vdc to 2.4Vdc w/TTL Load, 20% to 80% of waveform w/HCMOS Load)
50% ±10% (@1.4Vdc w/TTL Load, @50% of waveform w/HCMOS Load)
10TTL Load or 15pF HCMOS Load Maximum
±3ppm Minimum
No Connect (Pin1 not present)
2.5Vdc ±2.0Vdc, Positive Transfer Charateristic
±5ppm Minimum over Control Voltage
-85dBc/Hz at 10Hz Offset, -115dBc/Hz at 100Hz Offset, -135dBc/Hz at 1kHz Offset, -140dBc/Hz at 10kHz Offset,
-145dBc/Hz at 100kHz Offset, -150dBc/Hz at 1MHz Offset
STANDARD SPECIFICATIONS
OPERATING
TEMPERATURE
15
±1.5ppm
Y
Y
X
20
±2.0ppm
Y
Y
Y
X
X
25
±2.5ppm
Y
Y
Y
Y
X
X
30
±3.0ppm
Y
X
X
Y
Y
Y
Y
35
±3.5ppm
Y
X
Y
Y
Y
Y
Y
50
±5.0ppm
Y
Y
Y
Y
Y
Y
Y
FREQUENCY STABILITY
Range
0°C to +50°C
-10°C to +60°C
-20°C to +70°C
-30°C to +60°C
-30°C to +75°C
-35°C to +80°C
-40°C to +85°C
Code
A
B
C
D
E
F
G
Code
Range
TABLE 1: PART NUMBERING CODES
X Denotes availability from 9.600MHz to 25.000MHz
Y Denotes availability for any valid frequency.
Fine Leak Test:
Gross Leak Test:
Mechanical Shock:
Vibration:
Lead Integrity:
Solderability:
Temperature Cycling:
Resistance to Soldering Heat:
Resistance to Solvents:
MIL-STD-883, Method 1014, ConditionA
MIL-STD-883, Method 1014, ConditionC
MIL-STD-202, Method 213, ConditionC
MIL-STD-883, Method 2007, ConditionA
MIL-STD-883, Method 2004
MIL-STD-883, Method 2002
MIL-STD-883, Method 1010
MIL-STD-202, Method 210
MIL-STD-202, Method 215
ENVIRONMENTAL& MECHANICAL
OBSOLETE


Similar Part No. - ES5130A-12800M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
ES5136E CYRUSTEK-ES5136E Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
ES5136Q CYRUSTEK-ES5136Q Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
More results

Similar Description - ES5130A-12800M

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
   THRU-HOLE TCXO
logo
Fox Electronics
FOX781 FOX-FOX781 Datasheet
171Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
FOX782 FOX-FOX782 Datasheet
85Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
logo
Caliber Electronics Inc...
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
List of Unclassifed Man...
TB1S320CV ETC2-TB1S320CV Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
Pericom Semiconductor C...
JT255 PERICOM-JT255 Datasheet
861Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
JT325 PERICOM-JT325 Datasheet
883Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
logo
List of Unclassifed Man...
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
logo
Caliber Electronics Inc...
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
   3.3 & 5V Stratum 3 Sinewave TCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com