Selected language     English  ▼


CX-0905C Datasheet(PDF) 4 Page - CUI INC

Part No. CX-0905C
Description  Magnetic buzzer
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CUI [CUI INC]
Homepage  http://www.cui.com
Logo 

   
 4 page
background image
Part No: CX-0905C
Description: magnetic buzzer
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 9/22/2006
Unit: mm
Page No: 4 of 4
Reliability Test
Item
Test Condition
Operating (Life Test)
1. Continuous life test:
The part will be subjected to 72 at +55°C with
5.0 V dc applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minute off, a
minimum of 10,000 times at room temp
(+25 ±10°C) with 5.0 V dc applied.
Evaluation Standard
After the test, the part shall meet
specifications without any
damage to the appearance or
performance. After 4 hours at
25°C, the SPL should be within
±10 dBA of the initial SPL
measurement.
Test Conditions
Standard Test Condition
a) Tempurature: +5 ~ +35°C
b) Humidity: 45 - 85%
c) Pressure: 860-1060 mbar
Judgement Test Condition
a) Tempurature: +25 ±2°C
b) Humidity: 60 - 70%
c) Pressure: 860-1060 mbar
Packaging




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CEM-1612magnetic buzzer 1 2 3 4 5 CUI INC
CD-1206magnetic buzzer 1 2 3 4 5 CUI INC
CCV-084B16magnetic buzzer 1 2 3 4 5 CUI INC
CCG-1206magnetic buzzer 1 2 3 4 CUI INC
CSQ-601BPmagnetic buzzer 1 2 3 4 5 CUI INC
EMX-7T05SPMAGNETIC BUZZER 1 List of Unclassifed Manufacturers
CSQ-706BPmagnetic buzzer 1 2 3 4 5 CUI INC
CSQ-706BSmagnetic buzzer 1 2 3 4 5 CUI INC
CSQG703BPmagnetic buzzer 1 2 3 4 5 CUI INC
CC-0601Magnetic buzzer 1 2 3 4 CUI INC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl