Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7160FV8AT-10S Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM7160FV8AT-10S
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7160FV8AT-10S Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM7160FV8AT-10S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7160FV8AT-10S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM610FV16 Series
Low Power, 64Kx16 SRAM
3
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to Vcc+0.3(Max. 4.0V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
P
D
1.0
W
Operating Temperature
T
A
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
1
CS
2
OE
WE
LB
UB
I/O
1-8
I/O
9-16
Mode
Power
H
X
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
L
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
X
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
H
L
H
L
L
Data Out
Data Out
Word Read
Active
L
H
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
H
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
H
X
L
L
L
Data In
Data In
Word Write
Active


Similar Part No. - EM7160FV8AT-10S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7160FV8AW-12LF EMLSI-EM7160FV8AW-12LF Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7160FV8AW-12S EMLSI-EM7160FV8AW-12S Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7160FV8AW-70L EMLSI-EM7160FV8AW-70L Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FV8AW-70LF EMLSI-EM7160FV8AW-70LF Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FV8AW-70LF EMLSI-EM7160FV8AW-70LF Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7160FV8AT-10S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FV16 EMLSI-EM611FV16 Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com