Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSBU-150-48 Datasheet(PDF) 3 Page - CUI INC

Part # VSBU-150-48
Description  single output switching power supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSBU-150-48 Datasheet(HTML) 3 Page - CUI INC

  VSBU-150-48 Datasheet HTML 1Page - CUI INC VSBU-150-48 Datasheet HTML 2Page - CUI INC VSBU-150-48 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION: single output switching power supply
3 of 3
01/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VSBU-150 series
MECHANICAL DRAWING
PIN
1
out
2
out
3
out
4
out
5
out
6
out
7
rtn
8
rtn
9
rtn
10
rtn
11
rtn
12
rtn
13*
pfd
*13 is optional


Similar Part No. - VSBU-150-48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSBU-150-48 CUI-VSBU-150-48 Datasheet
412Kb / 4P
   AC-DC POWER SUPPLY
04/27/2021
More results

Similar Description - VSBU-150-48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-200 MEANWELL-LRS-200 Datasheet
99Kb / 4P
   200W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35 Datasheet
74Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com