Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-1205 Datasheet(PDF) 3 Page - CUI INC

Part # CT-1205
Description  Magnetic buzzer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CT-1205 Datasheet(HTML) 3 Page - CUI INC

  CT-1205 Datasheet HTML 1Page - CUI INC CT-1205 Datasheet HTML 2Page - CUI INC CT-1205 Datasheet HTML 3Page - CUI INC CT-1205 Datasheet HTML 4Page - CUI INC CT-1205 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
rev.
page
date
DESCRIPTION: magnetic buzzer
A
3 of 5
01/07/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CT-1205
ENVIRONMENT TEST
item
test condition
high temp. test
After being placed in a chamber at +85°C for
96 hours.
low temp. test
After being placed in a chamber at -40°C for
96 hours.
thermal shock
The part will be subjected to 10 cycles. One
cycle will consist of:
temp. cycle test
The part will be subjected to 10 cycles. One
cycle will consist of:
evaluation standard
After the test, the part will meet
specifications without any
damage to its appearance and
performance. After 4 hours at
25°C, the SPL should be within
±10dB compared with the initial
measurement.
RELIABILITY TEST
item
test condition
operating (life test)
1. Continuous life test:
The part will be subjected to 72 hours of
continuous operation at +70°C with 5 V,
2400 Hz applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minute off, a
minimum of 10,000 times at room temp
(+25 ±10°C) with 5 V, 2400 Hz applied.
evaluation standard
After the test, the part will meet
specifications without any
damage to its appearance and
performance. After 4 hours at
25°C, the SPL should be within
±10dB compared with the initial
measurement.
+85°C
a,b : 90~98%RH
c : 80~98%RH
a
b
+25°C
3hrs
12±0.5hrs
3hrs
c
24hours
+85°C
-40°C
30 min.
30 min.
60 min.
TEST CONDITIONS
standard test condition
a) temperature: +5 ~ +35°C
b) humidity: 45 - 85%
c) pressure: 860-1060 mbar
judgement test condition
a) temperature: +25 ±2°C
b) humidity: 60 - 70%
c) pressure: 860-1060 mbar


Similar Part No. - CT-1205

ManufacturerPart #DatasheetDescription
logo
CUI INC
CT-1205-SMT CUI-CT-1205-SMT Datasheet
225Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CT-1205-SMT-TR CUI-CT-1205-SMT-TR Datasheet
527Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
logo
CUI Devices
CT-1205-SMT-TR CUID-CT-1205-SMT-TR Datasheet
502Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CT-1205C CUI-CT-1205C Datasheet
77Kb / 5P
   Magnetic buzzer
CT-1205C-SMT CUI-CT-1205C-SMT Datasheet
212Kb / 3P
   MAGNETIC BUZZER INDICATOR
More results

Similar Description - CT-1205

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
ST-0402T SOBERTON-ST-0402T Datasheet
1Mb / 6P
   Magnetic Buzzer
logo
CUI INC
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
   magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
   magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
   magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
   magnetic buzzer
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
   magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
   Magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
   magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
   magnetic buzzer
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
   MAGNETIC BUZZER
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
   MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com