Electronic Components Datasheet Search |
|
VSNS10-5-1R0 Datasheet(PDF) 1 Page - CUI INC |
|
VSNS10-5-1R0 Datasheet(HTML) 1 Page - CUI INC |
1 / 2 page V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005 www.v-infinity.com 1-866-372-1258 • VSNS10 Series Point of Load Converter Features ·Delivers 10A of output current ·High efficiency ·Low output ripple and noise ·Small size and low profile ·Cost efficient open frame design ·single-in-line (SIP) and SMT package ·Remote on/off (active low) ·Remote sense ·Trimmable output voltage via external resistor ·Output over current protection ·Over temperature protection ·Wide operating temperature range -40°C~85°C ·Non-isolated Model Input Output Output Max. Ripple & Noise MTBF Efficiency Number Voltage Voltage Current Power max typ. VSNS10-5-1R0 3.0-5.5V 1.0V 10A 10.0W 30mVp-p 7.6x105 hrs 82% VSNS10-5-1R5 3.0-5.5V 1.5V 10A 15.0W 30mVp-p 7.6x105 hrs 87% VSNS10-5-1R8 3.0-5.5V 1.8V 10A 18.0W 30mVp-p 7.6x105 hrs 88% VSNS10-5-2R0 3.0-5.5V 2.0V 10A 20.0W 30mVp-p 7.6x105 hrs 90% VSNS10-5-2R5 3.0-5.5V 2.5V 10A 25.0W 30mVp-p 7.6x105 hrs 92% VSNS10-5-3R3 4.5-5.5V 3.3V 10A 33.0W 30mVp-p 7.6x105 hrs 94% VSNS10-12-1R0 10-14V 1.0V 10A 10.0W 50mVp-p 8.0x105 hrs 81% VSNS10-12-1R5 10-14V 1.5V 10A 15.0W 50mVp-p 8.0x105 hrs 84% VSNS10-12-1R8 10-14V 1.8V 10A 18.0W 50mVp-p 8.0x105 hrs 85% VSNS10-12-2R5 10-14V 2.5V 10A 25.0W 50mVp-p 8.0x105 hrs 87% VSNS10-12-3R3 10-14V 3.3V 10A 33.0W 50mVp-p 8.0x105 hrs 89% VSNS10-12-5R0 10-14V 5.0V 10A 50.0W 50mVp-p 8.0x105 hrs 92% Notes: 1. Typical at Ta+ +25°C under nominal line voltage and full load conditions, unless other wise noted. All models are tested and spec- ified with external input and output capacitors. (Cin=100uFx2 Cout=10uF), These capacitors are necessary to accommodate out test equipment. 2. Ripple and Noise are tested/specified over a 20MHz bandwidth and may be reduced with external filtering. 3. This device has no minimum load requirement and will regulate under no-load conditions. The regulation part of the specifica- |
Similar Part No. - VSNS10-5-1R0 |
|
Similar Description - VSNS10-5-1R0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |